Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2009 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2009
Description  PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2009 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2009 Datasheet HTML 10Page - STMicroelectronics AN2009 Datasheet HTML 11Page - STMicroelectronics AN2009 Datasheet HTML 12Page - STMicroelectronics AN2009 Datasheet HTML 13Page - STMicroelectronics AN2009 Datasheet HTML 14Page - STMicroelectronics AN2009 Datasheet HTML 15Page - STMicroelectronics AN2009 Datasheet HTML 16Page - STMicroelectronics AN2009 Datasheet HTML 17Page - STMicroelectronics AN2009 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
14/39
PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
Compare U registers:
The compare U high and low registers are for setting the duty cycle of the PWM signal in
voltage mode.
COMPARE PHASE U PRELOAD REGISTER HIGH (MCPUH)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 7:0 = CPUH[7:0] Most Significant Byte of phase U preload value
COMPARE PHASE U PRELOAD REGISTER LOW (MCPUL)
Read/Write Read/Write (except bits 2:0)
Reset Value: 0000 0000 (00h)
Bits 7:5 = CPUL[7:3] Low bits of phase U preload value.
Bits 2:0 = Reserved.
4.2 PWM MANAGER IN CURRENT MODE CONTROL
4.2.1 Description
Figure 10. Current regulation in current mode control
7
0
CPUH7 CPUH6 CPUH5 CPUH4 CPUH3 CPUH2 CPUH1 CPUH0
7
0
CPUL7 CPUL6 CPUL5 CPUL4 CPUL3
-
-
-
set
R
TIMER
clock
HV
ST7MC
Microcontroller
T1
T4
A
I
Motor
Voltage
current
reference
clock
t
t
t
step time
step time
T1-T4
T1-T6
VR02139N
- +
12-bit internal timer
PWM output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com