Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2009 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN2009
Description  PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2009 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN2009 Datasheet HTML 26Page - STMicroelectronics AN2009 Datasheet HTML 27Page - STMicroelectronics AN2009 Datasheet HTML 28Page - STMicroelectronics AN2009 Datasheet HTML 29Page - STMicroelectronics AN2009 Datasheet HTML 30Page - STMicroelectronics AN2009 Datasheet HTML 31Page - STMicroelectronics AN2009 Datasheet HTML 32Page - STMicroelectronics AN2009 Datasheet HTML 33Page - STMicroelectronics AN2009 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
30/39
PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
When switching from step
Σ4 (switches T2-T3 are ON) to step Σ5 (switches T4-T3 are ON), a
free-wheeling, decreasing demagnetization current is still present through the B terminal
(dashed line) and an increasing magnetization current appears through the C terminal (dotted
line). Figure 19 shows these two currents during the PWM ON time.
Figure 19. Step
Σ5 (switches T4-T3 are ON) during the demagnetization PWM ON time
This means, during the PWM ON time:
– The potential of B is zero
– The potential of M is close to HV/3
Now depending on the switch we are going to apply the PWM signal, the demagnetization
time of winding B will be decreased and the end of demagnetization event will be accelerated
during this PWM signal OFF time. The numerous dedicated registers in the ST7MC peripheral
allow the flexibility to choose where to apply the PWM signal between the different events. The
maximum reverse voltage to decrease the demagnetization time is achieved during the OFF
time of the PWM signal.
HV
T4
T1
T0
T3
T2
T5
C
A
B
PWM on T2
D0
D2
D4
D3
D5
D1
M
F
free wheeling
demagnetization
current
Normal mode
magnetization
current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com