Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2009 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2009
Description  PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2009 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2009 Datasheet HTML 18Page - STMicroelectronics AN2009 Datasheet HTML 19Page - STMicroelectronics AN2009 Datasheet HTML 20Page - STMicroelectronics AN2009 Datasheet HTML 21Page - STMicroelectronics AN2009 Datasheet HTML 22Page - STMicroelectronics AN2009 Datasheet HTML 23Page - STMicroelectronics AN2009 Datasheet HTML 24Page - STMicroelectronics AN2009 Datasheet HTML 25Page - STMicroelectronics AN2009 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
22/39
PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
5.3 EXAMPLE OF CONFIGURATION OF THE ST7MC REGISTERS
As explained in section 2 “Sensorless control methods”, we have described 2 main sensorless
control methods which the ST7MC is compatible with. Please refer to AN1946 for more de-
tails. The steps to correctly configure the ST7MC registers depending on the sensorless con-
trol method used are as follows:
– Generate a Pulse Width Modulation signal. If the ST sensorless control method is used, then
a 2.5µs minimum off time is needed to read the BEMF voltage during the off time (useless in
Classic method detection).
In Voltage mode (the VOC1 bit is reset in the MCRA register), when driving a PM BLDC motor
(the PCN bit is reset in the MDTG register) in six-step drive, a single PWM signal is used to
supply the input stage. This PWM signal which is applied to the switches is generated using
the 12-bit PWM counter for frequency and the 13 bit compare U register for duty cycle
(MCPUL:MCPUH registers).
In Current mode (VOC1 bit is set in the MCRA register), the PWM output signal is generated
by a combination of the output of the measurement window generator and the output of the
current comparator and is directed to the output channel manager as well. This can be done
by setting the PWM frequency through SA[3:0] bits in the MPRSR register and the minimum
off time using the OT[3:0] bits in the MPWME register. The off time is also dependent on the
output of the current comparator as explained in Section 4 of this document.
– Apply this PWM on the high side or low side switches depending on the sensorless control
method used. To do so, you have to configure the microcontroller with the right configuration.
In order to configure correctly the registers, this sequence has to be followed.
– Split the switches in two parts by means of the high side/low side configuration. This is done
using the OE [5:0] bits in the MPAR register.
PARITY REGISTER (MPAR)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 5:0 = OE[5:0]: Output Parity Mode.
0: Output channel is High
1: Output channel Low
For example: T1, T3, T5 low side and T0, T2, T4 high side.
7
6
5
4
3
2
1
0
X
X
OE5
OE4
OE3
OE2
OE1
OE0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com