Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP221 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # AXP221
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP221 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button AXP221 Datasheet HTML 12Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 13Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 14Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 15Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 16Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 17Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 18Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 19Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
AXP221
PMIC Optimized For Multi-Core High-Performance System
PAGE 16
Copyright © 2013 X-Powers Limited. All Rights Reserved.
Datasheet
Revision 1.2
参数
描述
控制条件
最小值
典型值 最大值 单位
RTC_VCC
VRTC_VCC
Output Voltage
IRTC_VCC=1mA
-1%
3.0
1%
V
IRTC_VCC
Output Current
30
mA
ALDO1
VALDO1
Output Voltage
I ALDO1=1mA
-1%
OFF
1%
V
I ALDO1
Output Current
300
mA
IQ
Quiescent Current
60
μA
PSRR
Power Supply
Rejection Ratio
I ALDO1=60mA,1KHz
TBD
dB
eN
Output Noise,20-
80KHz
Vo=3.3V , Io=20mA
31
μVRMS
ALDO2
VALDO2
Output Voltage
I ALDO2=1mA
-1%
1.8
1%
V
I ALDO2
Output Current
300
mA
IQ
Quiescent Current
62
μA
PSRR
Power Supply
Rejection Ratio
I ALDO2=10mA,1KHz
TBD
dB
eN
Output Noise,20-
80KHz
Vo=3.3V , Io=20mA
31
μVRMS
ALDO3
V ALDO3
Output Voltage
I ALDO3=1mA
-1%
3.0
1%
V
I ALDO3
Output Current
200
mA
IQ
Quiescent Current
60
μA
PSRR
Power Supply
Rejection Ratio
I ALDO3=10mA,1KHz
TBD
dB
eN
Output Noise,20-
80KHz
Vo=3.3V, Io=20mA
43
μVRMS
DLDO1
V DLDO1
Output Voltage
I DLDO1=1mA
-1%
OFF
1%
V
I DLDO1
Output Current
400
mA
IQ
Quiescent Current
56
μA
PSRR
Power Supply
Rejection Ratio
I DLDO1=10mA,1KHz
TBD
dB
eN
Output Noise,20-
80KHz
Vo=3.3V, Io=20mA
100
μVRMS
DLDO2
V DLDO2
Output Voltage
I DLDO2=1mA
-1%
OFF
1%
V
I DLDO2
Output Current
200
mA
IQ
Quiescent Current
60
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com