Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP221 Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # AXP221
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP221 Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button AXP221 Datasheet HTML 38Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 39Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 40Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 41Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 42Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 43Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 44Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 45Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
AXP221
PMIC Optimized For Multi-Core High-Performance System
PAGE 42
Copyright © 2013 X-Powers Limited. All Rights Reserved.
Datasheet
Revision 1.2
10.2.31.REG37H:DC-DC 工作频率设置
默认值
:08H
Bit
描述
R/W
默认值
7
DC-DC 及 PWM charger 展频功能设置
0:关闭 1:打开
0
6
DC-DC 及 PWM charger 展频频率设置
0:50KHz 1:100KHz
0
5
保留,不可更改
4
DC-DC 2&3 Poly-phase 功能设置
0:关闭 1:打开
X
3
DC-DC 开关频率设置 Bit 3
每一级改变
5%,默认值 3MHz
RW
1
2
DC-DC 开关频率设置 Bit 2
RW
0
1
DC-DC 开关频率设置 Bit 1
RW
0
0
DC-DC 开关频率设置 Bit 0
RW
0
10.2.32.REG38H:VLTF-charge 电池充电低温门限设置
默认值
:A5H
Bit
描述
R/W 默认值
7-0
充电时电池低温门限设置,
M
M*10H,当 M=A5H 时对应 2.112V;
可对应电压
0V~3.264V
RW
A5H
VLTF-charge = M *10H * 0.0008V
10.2.33.REG39H:VHTF-charge 电池充电高温门限设置
默认值
:1FH
Bit
描述
R/W
默认值
7-0
充电时电池高温门限设置,
N
N*10H,当 N=1FH,对应 0.397V;
可对应电压
0V~3.264V
RW
1FH
VHTF-charge = N *10H * 0.0008V
10.2.34.REG3CH:VLTF-discharge 电池放电低温门限设置
默认值
:FCH
Bit
描述
R/W
默认值
7-0
放电时电池低温门限设置,
M
M*10H,当 M=FCH 时对应 3.226V;
可对应电压
0V~3.264V
RW
FCH
VLTF-discharge = M *10H* 0.0008V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com