Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP221 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # AXP221
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP221 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button AXP221 Datasheet HTML 39Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 40Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 41Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 42Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 43Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 44Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 45Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 46Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
AXP221
PAGE 43
PMIC Optimized For Multi-Core High-Performance System
Copyright © 2013 X-Powers Limited. All Rights Reserved.
Datasheet
Revision 1.2
10.2.35.REG3DH:VHTF-discharge 电池放电高温门限设置
默认值
:16H
Bit
描述
R/W
默认值
7-0
放电时电池高温门限设置,
N
N*10H,当 N=16H,对应 0.282V;
可对应电压
0V~3.264V
RW
16H
VLTF-discharge = N *10H* 0.0008V
10.2.36.REG80H:DC-DC 工作模式选择
默认值
:80H
Bit
描述
R/W 默认值
7-5
保留,不可更改
4
DC-DC5 工作模式控制
0:PFM/PWM 自动切换
1: 固定 PWM
RW
0
3
DC-DC4 工作模式控制
2
DC-DC3 工作模式控制
RW
0
1
DC-DC2 工作模式控制
RW
0
0
DC-DC1 工作模式控制
10.2.37.REG82H:ADC 使能
默认值
:E0H
Bit
描述
R/W
默认值
7
电池电压
ADC 使能
0: 关闭, 1: 打开
RW
1
6
电池电流
ADC 使能
RW
0
5
内部温度
ADC 使能
RW
0
4-1
保留,不可更改
0
TS 管脚 ADC 功能使能
0: 关闭, 1: 打开
RW
1
10.2.38.REG84H:ADC 采样速率设置,TS 管脚控制
默认值
:32H
Bit
描述
R/W
默认值
7
ADC 采样速率设置 Bit 1
10×2n
采样率分别为
100, 200, 400,
800Hz
RW
0
6
ADC 采样速率设置 Bit 0
RW
0
5-4
TS 管脚输出电流设置 :
00:20uA; 01:40uA; 10:60uA; 11:80uA
RW
11
3
保留,不可更改
2
TS 管脚功能选择
0: 电池温度监测功能,1: 外部独立的 ADC 输入通路
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com