Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP221 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # AXP221
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP221 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button AXP221 Datasheet HTML 36Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 37Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 38Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 39Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 40Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 41Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 42Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 43Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
AXP221
PMIC Optimized For Multi-Core High-Performance System
PAGE 40
Copyright © 2013 X-Powers Limited. All Rights Reserved.
Datasheet
Revision 1.2
10.2.26.REG32H: 关机设置、电池检测以及 CHGLED 管脚控制
默认值
:43H
Bit
描述
R/W
默认值
7
方式
A 下关机控制
此位写
1 会关闭 AXP221 的输出,除开 RTC 以及充电模块
RW
0
6
电池检测功能设置位
: 0: 关闭; 1: 打开
RW
1
5-4
CHGLED 管脚功能设置
00: 高阻
01: 25% 0.5Hz 闪烁
10: 25% 2Hz 闪烁
11: 输出低电平
RW
00
3
CHGLED 管脚控制设置
0: 由寄存器 REG 32HBit[5:4] 控制
1: 由充电功能控制
RW
0
2
各组电源输出关闭时序控制
0:所有电源输出同时关闭
1:和开机启动时序相反
RW
0
1-0
PWROK 相对最后一路电源输出
启动延迟时间
00: 8ms; 01: 16ms;
10: 32ms; 11:64ms
RW
10
10.2.27.REG33H: 充电控制 1
默认值
:C6H
Bit
描述
R/W
默认值
7
充电功能使能控制位,包含内部通道和外部通道
0: 关闭, 1: 打开
RW
1
6-5
充电目标电压设置
00:4.1V; 01:4.22V; 10:4.2V; 11:4.24V
RW
10
4
充电结束电流设置
0: 充电电流小于 10% 设置值时结束充电
1: 充电电流小于 15% 设置值时结束充电
RW
0
3-0
内部通路充电电流设置
0000:300mA; 0001:450mA; 0010:600mA; 0011:750mA;
0100:900mA; 0101:1050mA; 0110:1200mA; 0111:1350mA;
1000:1500mA; 1001:1650mA; 1010:1800mA; 1011:1950mA;
1100:2100mA; 1101:2250mA; 1110:2400mA; 1111:2550mA
RW
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com