Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP221 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # AXP221
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP221 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button AXP221 Datasheet HTML 23Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 24Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 25Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 26Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 27Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 28Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 29Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 30Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
AXP221
PAGE 27
PMIC Optimized For Multi-Core High-Performance System
Copyright © 2013 X-Powers Limited. All Rights Reserved.
Datasheet
Revision 1.2
9.4.4.
LDOIO0 /LDOIO1
LDOIO0/LDOIO1 也采用了低噪声的设计,输出驱动能力都为 100mA。
9.4.5.
DLDO1/DLDO2/DLDO3/DLDO4
DLDO1/DLDO2/DLDO3/DLDO4 为普通低压差线性稳压器,其驱动能力分别为 400mA /200mA
/200mA/100mA。
9.4.6.
ELDO1/ELDO2/ELDO3/
ELDO1/ELDO2/ELDO3/ 为普通低压差线性稳压器,其驱动能力分别为 400mA /200mA /200mA/。
9.4.7.
DC5LDO
DC5LDO 的供电输入为 DC-DC5,驱动能力为 200mA。
9.4.8.
DC1SW
DC1SW 的供电输入为 DC-DC1,等效电阻 160mOhm。
9.4.9.
软启动 (SoftStart)
所有
DC-DC 和 LDO 都支持软启动的输出建立方式,避免启动时电流的突然变化对输入通路的冲击。
所有
DC-DC 不需要外部的肖特基二极管和电阻分压反馈电路。如果应用中不需要用到某个 DC-
DC,只需要将对应的 LX 管脚悬空即可。
9.5. E-Gauge 电量计系统
AXP221 的多路 12Bit ADC 可以测量电池电压以及电流,同时内部集成了电池充放电库仑计。基于此,
AXP221 集成了双模式的电量计系统。在简易模式下,节省了对电池参数精确初始化的需求,实现对
大量电池的较高兼容性;而在高精度模式下,针对特定电池的参数优化,实现高达 2% 精度的计量。
各路
ADC 的使能控制和采样速度可以通过寄存器 REG84H 来设置,采样结果存储在相应的寄存器中,
参见寄存器说明之
ADC 数据类。电池电流方向是充电还是放电由寄存器 REG00H[2] 来指示。
Channel
000H
STEP
FFFH
Battery Voltage
0mV
1.1mV
4.5045V
Bat discharge current
0mA
1mA
4.095A
Bat charge current
0mA
1mA
4.095A
Internal temperature
-267.7℃
0.1℃
165.8℃
TS pin input
0mV
0.8mV
3.276V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com