Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP221 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # AXP221
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP221 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button AXP221 Datasheet HTML 35Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 36Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 37Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 38Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 39Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 40Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 41Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 42Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
AXP221
PAGE 39
PMIC Optimized For Multi-Core High-Performance System
Copyright © 2013 X-Powers Limited. All Rights Reserved.
Datasheet
Revision 1.2
10.2.24.REG30H:VBUS-IPSOUT 通路管理
默认值
:60H
Bit
描述
R/W
默认值
7
VBUS 可用时 VBUS-IPSOUT 通路选择控制信号
0: 由 N_VBUSEN pin 决定是否打开此通路
1:VBUS-IPSOUT 通路可以被选择打开,不管 N_VBUSEN 的状态
RW
0
6
VBUS VHOLD 限压控制
0: 不限压; 1: 限压
RW
1
5
VHOLD 设置 Bit 2
000: 4.0V; 001: 4.1V; 010: 4.2V
011: 4.3V; 100: 4.4V; 101: 4.5V
110: 4.6V; 111: 4.7V
RW
1
4
VHOLD 设置 Bit 1
RW
0
3
VHOLD 设置 Bit 0
RW
0
2
DRIVEVBUS 作为输出时输出状态控制
0:输出低电平 1:输出高电平(IPSOUT)
RW
0
1-0
VBUS 限流控制设置
00 -900mA;01-500mA;1x- 不限流
RW
X
10.2.25.REG31H: 唤醒控制及 VOFF 关机电压设置
默认值
:03H
Bit
描述
R/W
默认值
7
PWROK 在唤醒过程中是否被拉低
0:不拉低
1:拉低
RW
0
6
软重启控制,对该
bit 写 1 后 PMU 将重启,该 bit 自动清零
RW
0
5
软件唤醒控制,对该
bit 写 1 后各路输出将恢复,该 bit 自动清零
RW
0
4
当唤醒功能使能时,
IRQ 是否触发唤醒,唤醒过程中是否被屏蔽
0: IRQ 能触发唤醒,唤醒时,IRQ 被屏蔽
1:IRQ 正常工作,但不能触发唤醒
3
Sleep 模式下唤醒功能使能设置:
0:唤醒功能关闭
1:唤醒功能打开
bit 写完后自动清 0,因此每次进 Sleep 模式前需再次写 1
2
VOFF 设置 Bit2
000-2.6V; 001-2.7V; 010-2.8V;
011-2.9V; 100-3.0V; 101-3.1V;
110-3.2V; 111-3.3V
RW
0
1
VOFF 设置 Bit1
RW
1
0
VOFF 设置 Bit0
RW
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com