Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP221 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # AXP221
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP221 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button AXP221 Datasheet HTML 40Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 41Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 42Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 43Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 44Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 45Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 46Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 47Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
AXP221
PMIC Optimized For Multi-Core High-Performance System
PAGE 44
Copyright © 2013 X-Powers Limited. All Rights Reserved.
Datasheet
Revision 1.2
Bit
描述
R/W
默认值
1-0
TS 管脚电流输出方式设置
00: 关闭
01: 充电时输出电流
10:ADC 采样时输入,可以省电
11: 一直打开
RW
1
RW
0
10.2.39.REG85H:TSADC 采样速率设置
默认值
:00H
Bit
描述
R/W
默认值
7
TS ADC 采样速率设置 1
10×2n
采样率分别为
100, 200, 400,
800Hz
RW
0
6
TS ADC 采样速率设置 0
RW
0
5-0
保留,不可更改
10.2.40.REG8AH: 定时器控制
默认值
:00H
Bit
描述
R/
W
默认值
7
定时器超时
写
1 清除此状态
RW
0
6-0
设置定时时间,单位为分
写全
0 则关闭此定时器
RW
0000000
10.2.41.REG8CH:PWREN 控制设置 1
默认值
:00H
Bit
描述
R/W
默认值
7
DC-DC1 是否受控于 PWREN
0:受控于 1:不受控于
RW
0
6
DC-DC2 是否受控于 PWREN
RW
0
5
DC-DC3 是否受控于 PWREN
RW
0
4
DC-DC4 是否受控于 PWREN
RW
0
3
DC-DC5 是否受控于 PWREN
RW
0
2
ALDO1 是否受控于 PWREN
RW
0
1
ALDO2 是否受控于 PWREN
RW
0
0
ALDO3 是否受控于 PWREN
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com