Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP221 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # AXP221
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP221 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button AXP221 Datasheet HTML 21Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 22Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 23Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 24Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 25Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 26Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 27Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 28Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
AXP221
PAGE 25
PMIC Optimized For Multi-Core High-Performance System
Copyright © 2013 X-Powers Limited. All Rights Reserved.
Datasheet
Revision 1.2
在上图中,
VTH/VTL 分别为高温和低温的门限设置,可分别通过寄存器 REG38H/39H/3CH/3DH 设置,
VTE=0.2V。建议温敏电阻选用 25℃时为 10KOhm、精度 1% 的 NTC 温敏电阻。AXP221 将在 TS
管脚上送出恒定电流,此电流可设置为
20uA、40uA、60uA、80uA 四种 ( 参见寄存器 REG84H),
以适应不同的
NTC 电阻。此电流流过温敏电阻,得到一个检测电压,AXP221 通过 ADC 测出电压
值并与设置值进行比较,从而发出相应的
IRQ 或是暂停充电。
如果温敏电阻阻值过大或过小,可以在其通路上并联或是串联上额外的电阻,以便扩大其检测范围。
如果电池没有温敏电阻,可以把
TS 管脚接到地,此时 AXP221 自动禁止电池温度监测功能。
9.3.8.
电池检测
AXP221 会自动检测电池是否存在,并在寄存器中标识 ( 参见寄存器 REG01H) 和发出 IRQ8、
IRQ9。
电池检测功能可由
Host 控制打开或者关闭 ( 参见寄存器 REG32H)。
9.4. 多路电源输出
AXP221 的提供的多路输出电压及功能列表如下 :
输出通路
类型
默认电压
启动步骤
应用举例 最大驱动能力
DCDC1
BUCK
3.3V
1
3.3V I/O
1400mA
DCDC2
BUCK
1.1V
1
1.1V CPU
2500mA
DCDC3
BUCK
1.1V
1
1.1VGPU
2500mA
DCDC4
BUCK
1.1V
1
1.1V Core
600mA
DCDC5
BUCK
1.5/DC5SET 设定 1
1.5V
DDR3
2000mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com