Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP221 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AXP221
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP221 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AXP221 Datasheet HTML 1Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 2Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 3Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 4Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 5Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 6Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 7Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 8Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
AXP221
PAGE 5
PMIC Optimized For Multi-Core High-Performance System
Copyright © 2013 X-Powers Limited. All Rights Reserved.
Datasheet
Revision 1.2
2
特性
电源管理
(IPS ™ )
• 宽输入电压范围:2�9V
~6�3V(AMR:-0�3V~11V)
• 可配置的高效智慧电能平衡“IPS ™”系统
• 自适应 USB 或交流适配器限压限流(4�4V/900mA/500mA)
全集成
Flash Charger
• 内置 MOSFET 最大充电电流可达 2�2A
• 支持电池温度监测
• 全面支持 USB 充电,符合规范要求
• 充电精度高,误差小于 ±0�5%
• 支持 4�1V/4�2V/4�22V/4�24V 等多种电池
• 自动进行充电流程控制
• 可直接驱动 LED 指示充电状态
• 根据系统负载情况自动调节充电电流
14 路线性稳压器
(LDO)
• RTC_VCC:30mA,始终有效
• ALDO1/2:低噪声 LDO,0�7V
~3�3V 可调节,100mV/step, 驱动能
力 300mA
• ALDO3:低噪声 LDO,0�7V
~3�3V 可调节,100mV/step, 驱动能力
200mA
• LDO
IO0/LDOIO1:低噪声 LDO,0�7V
~3�3V 可调节 ,100mV/step, 驱
动能力 100mA
• DLDO1/ELDO1:0�7V
~3�3V 可调节,100mV/step, 驱动能力 400mA
• DLDO2/DLDO3/ELDO2/ELDO3:0�7V
~3�3V 可调节,100mV/step,
驱动能力 200mA
• DLDO4:0�7V
~3�3V 可调节,100mV/step,驱动能力 100mA
• DC5LDO:0�7V
~1�4V 可调节,100mV/step, 驱动能力 200mA
2 路 Switch
• DC1SW:内阻 100mΩ,供电来源于 DCDC1
• CHGLED:内部集成 100mA 驱动能力的 NMOS,可用于驱动振动马
达以及充电指示灯
5 路同步降压转换器
(DC-DC)
• DC-DC1:1�6V
~3�4V 可调节 ,100mV/step, 驱动能力 1�4A
• DC-DC2:可在 0�6V
~1�54V 可调节 ,20mV/step,驱动能力 2�5A,
支持 VRC(电压斜率控制)
• DC-DC3:可在 0�6V
~1�86V 可调节 ,20mV/step,驱动能力 2�5A
• DC-DC4:可在 0�6V
~1�54V 可调节 ,20mV/step,驱动能力 0�6A
• DC-DC5:可在 1�0V
~2�55V 可调节 ,50mV/step,驱动能力 2A
APX221 特性如下表所示:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com