Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP221 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # AXP221
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP221 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button AXP221 Datasheet HTML 37Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 38Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 39Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 40Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 41Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 42Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 43Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 44Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
AXP221
PAGE 41
PMIC Optimized For Multi-Core High-Performance System
Copyright © 2013 X-Powers Limited. All Rights Reserved.
Datasheet
Revision 1.2
10.2.28.REG34H: 充电控制 2
默认值
:45H
Bit
描述
R/W
默认值
7
预充电超时设置
Bit1
00: 40 min; 01: 50min;
10: 60min; 11: 70min
RW
0
6
预充电超时设置
Bit0
RW
1
5
充电完成后,充电输出是否关闭
0:关闭; 1:打开
RW
000
4
CHGLED 类型选择
0:类型 A 1:类型 B
0
3
保留,不可更改
0
2
充电恒压值是否跟随充电电流变化
0:不跟随 1:跟随
0
2
充电时外部通路使能设置
0: 关闭; 1: 打开
RW
0
1
恒流模式下超时设置
Bit1
00: 6Hours; 01: 8Hours;
10: 10Hours; 11: 12Hours
RW
0
0
恒流模式下超时设置
Bit0
RW
1
注:类型
A/B 详细说明请查阅 “ 自适应 Flash Charger” 部分。
10.2.29.REG35H: 充电控制 3
默认值
:0EH
Bit
描述
R/W
默认值
7-4
保留,不可更改
3-0
充电环路限流电流设置
0000:300mA; 0001:450mA; 0010:600mA; 0011:750mA;
0100:900mA; 0101:1050mA; 0110:1200mA; 0111:1350mA;
1000:1500mA; 1001:1650mA; 1010:1800mA; 1011:1950mA;
1100:2100mA; 1101:2250mA; 1110:2400mA; 1111:2550mA
RW
1110
10.2.30.REG36H:PEK 按键参数设置
默认值
:5DH
Bit
描述
R/W
默认值
7
开机时间设置
Bit1
00: 128mS; 01: 1S;
10: 2S;
11: 3S.
RW
0
6
开机时间设置
Bit0
RW
1
5
长按键时间设置
Bit1
00: 1S; 01: 1.5S;
10: 2S; 11: 2.5S.
RW
0
4
长按键时间设置
Bit0
RW
1
3
按键时长大于关机时长时自动关机功能设置
0: 关闭; 1: 打开
RW
1
2
按键时长大于关机时长时自动关机后是否自动启动
0: 不自动启动; 1: 自动启动
RW
1
1
关机时长设置
Bit1
00: 4S; 01: 6S;
10: 8S; 11: 10S
RW
0
0
关机时长设置
Bit0
RW
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com