Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP221 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # AXP221
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP221 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button AXP221 Datasheet HTML 26Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 27Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 28Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 29Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 30Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 31Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 32Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 33Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
AXP221
PMIC Optimized For Multi-Core High-Performance System
PAGE 30
Copyright © 2013 X-Powers Limited. All Rights Reserved.
Datasheet
Revision 1.2
10
寄存器
10.1. 寄存器列表
10.1.1. 电源控制类寄存器列表
地址
寄存器描述
R/W
默认值
00
电源状态寄存器
R
01
电源模式
/ 充电状态寄存器
R
04-0F
数据缓存寄存器
R/W
00H
10
DCDC1/2/3/4/5&ALDO1/2&DC5LDO 开关控制寄存器 R/W
BFH
12
ELDO1/2/3&DLDO1/2/3/4&DC1SW 开关控制寄存器
R/W
00H
13
ALDO3 开关控制寄存器
R/W
01H
15
DLDO1 电压设置寄存器
R/W
00H
16
DLDO2 电压设置寄存器
R/W
00H
17
DLDO3 电压设置寄存器
R/W
00H
18
DLDO4 电压设置寄存器
R/W
00H
19
ELDO1 电压设置寄存器
R/W
00H
1A
ELDO2 电压设置寄存器
R/W
00H
1B
ELDO3 电压设置寄存器
R/W
00H
1C
DC5LDO 电压设置寄存器
R/W
00H
21
DC-DC1 电压设置寄存器
R/W
00H
22
DC-DC2 电压设置寄存器
R/W
00H
23
DC-DC3 电压设置寄存器
R/W
00H
24
DC-DC4 电压设置寄存器
R/W
00H
25
DC-DC5 电压设置寄存器
R/W
00H
27
DC-DC2/3 电压斜率控制寄存器
R/W
00H
28
ALDO1 电压设置寄存器
R/W
00H
29
ALDO2 电压设置寄存器
R/W
00H
2A
ALDO3 电压设置寄存器
R/W
00H
30
VBUS-IPSOUT 通路设置寄存器
R/W
60H
31
唤醒控制及
VOFF 关机电压设置寄存器
R/W
03H
32
关机、电池检测、
CHGLED 控制寄存器
R/W
43H
33
充电控制寄存器
1
R/W
C6H
34
充电控制寄存器
2
R/W
45H
35
充电控制寄存器
3
R/W
0EH
36
PEK 参数设置寄存器
R/W
5DH
37
DCDC 转换器工作频率设置寄存器
R/W
08H
38
电池充电低温报警设置寄存器
R/W
A5H
39
电池充电高温报警设置寄存器
R/W
1FH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com