Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP221 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AXP221
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP221 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AXP221 Datasheet HTML 2Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 3Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 4Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 5Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 6Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 7Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 8Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 9Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
AXP221
PMIC Optimized For Multi-Core High-Performance System
PAGE 6
Copyright © 2013 X-Powers Limited. All Rights Reserved.
Datasheet
Revision 1.2
E-Gauge ™
电量计系统
• 内建双模式高精度自动计量系统
• 简易模式下提供针对不同电池的高适应性
• 高精度模式下提供针对特定电池的高精度计量(2%)
• 提供丰富的电源管理信息:如瞬时耗电 (mAormW),剩余电池
电量 (%ormAh),充电状态 (%)和剩余电池使用时间或充电时
间等
• 低电警告及保护
• 提供芯片温度信息
应用处理器接口
• Host 可以通过 P2WI(Push-PullTwoWireInterface) 接口进行
数据交换
• 可以灵活配置的中断管理
• 灵活的管脚功能设置,2 路 GPIO 可分别设置为 IO、LDO 等功能
• 内置计时器
• 提供 12 组寄存器,可用于系统关机时的数据保存
系统管理
• 可以软复位或硬复位
• 支持软关机或硬关机,支持外部唤醒开机
• PWROK 用于系统复位或关机指示
• 外部电源检测 ( 插入 / 移除 / 驱动能力不足 )
• 所有输出电压都支持软启动
• 过 / 欠压保护(OVP/UVP)
• 过流保护(OCP)
• 过温保护(OTP)
高集成度
• 内部产生高精度参考电压(0�5%)
• 内置 MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com