Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP221 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # AXP221
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP221 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button AXP221 Datasheet HTML 34Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 35Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 36Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 37Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 38Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 39Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 40Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 41Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
AXP221
PMIC Optimized For Multi-Core High-Performance System
PAGE 38
Copyright © 2013 X-Powers Limited. All Rights Reserved.
Datasheet
Revision 1.2
Bit
描述
R/W
默认值
1
DC-DC3 VRC 电压上升斜率控制
0: 20mV/15.625us=1.6mV/us
1: 20mV/31.250us=0.8mV/us
RW
0
0
DC-DC2 VRC 电压上升斜率控制
0: 20mV/15.625us=1.6mV/us
1: 20mV/31.250us=0.8mV/us
RW
0
10.2.21.REG28H:ALDO1 输出电压设置
默认值
:00H
Bit
描述
R/W
默认值
7-5
保留,不可更改
4
ALDO1 输出电压设置 Bit4
0.7-3.3V,100mV/step
RW
0
3
ALDO1 输出电压设置 Bit3
RW
0
2
ALDO1 输出电压设置 Bit2
RW
0
1
ALDO1 输出电压设置 Bit1
RW
0
0
ALDO1 输出电压设置 Bit0
RW
0
10.2.22.REG29H:ALDO2 输出电压设置
默认值
:00H
Bit
描述
R/W
默认值
7-5
保留,不可更改
4
ALDO2 输出电压设置 Bit4
0.7-3.3V,100mV/step
RW
0
3
ALDO2 输出电压设置 Bit3
RW
1
2
ALDO2 输出电压设置 Bit2
RW
0
1
ALDO2 输出电压设置 Bit1
RW
1
0
ALDO2 输出电压设置 Bit0
RW
1
10.2.23.REG2AH:ALDO3 输出电压设置
默认值
:00H
Bit
描述
R/W
默认值
7-5
保留,不可更改
4
ALDO3 输出电压设置 Bit4
0.7-3.3V,100mV/step
RW
1
3
ALDO3 输出电压设置 Bit3
RW
0
2
ALDO3 输出电压设置 Bit2
RW
1
1
ALDO3 输出电压设置 Bit1
RW
1
0
ALDO3 输出电压设置 Bit0
RW
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com