Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP310 Datasheet(PDF) 8 Page - Mitel Networks Corporation

Part # VP310
Description  Satellite Channel Decoder
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP310 Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button VP310 Datasheet HTML 4Page - Mitel Networks Corporation VP310 Datasheet HTML 5Page - Mitel Networks Corporation VP310 Datasheet HTML 6Page - Mitel Networks Corporation VP310 Datasheet HTML 7Page - Mitel Networks Corporation VP310 Datasheet HTML 8Page - Mitel Networks Corporation VP310 Datasheet HTML 9Page - Mitel Networks Corporation VP310 Datasheet HTML 10Page - Mitel Networks Corporation VP310 Datasheet HTML 11Page - Mitel Networks Corporation VP310 Datasheet HTML 12Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
VP310
PRELIMINARY DATA
8
STATUS
VITERBI
COURSE
BIT
ERROR
COUNT
VIT_MAXERR[7:0]
0
0
DATA BITS
Figure 4. Viterbi error count coarse indication.
1.4.2 The Frame Alignment block
The frame alignment algorithm detects a sequence of correctly spaced synchronising bytes in the
Viterbi decoded bit-stream and arranges the input into blocks of data bytes. Each block consists
of 204 bytes for DVB and 147 bytes for DSS. In the DSS mode, the synchronising byte is
removed from the data stream, so only 146 bytes of a block are passed to the next stage. The
frame alignment block also removes the 180° phase ambiguity not removed by Viterbi decoder.
1.4.3 The De-interleaver block
1.4.3.1 DVB
Before transmission, the data bytes are interleaved with each other in a cyclic pattern of twelve.
This ensures the bytes are spaced out to avoid the possibility of a noise spike corrupting a group
of consecutive message bytes. The diagram below shows conceptually how the convolutional de-
interleaving system works. The synchronisation byte is always loaded into the First-In-First-Out
(FIFO) memory in branch 0. The switch is operated at regular byte intervals to insert successively
received bytes into successive branches. After 12 bytes have been received, byte 13 is written
next to the synchronisation byte in branch 0, etc. In the VP310, this de-interleaving function is
realised using on-chip Random Access Memory (RAM).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com