Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP310 Datasheet(PDF) 14 Page - Mitel Networks Corporation

Part # VP310
Description  Satellite Channel Decoder
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP310 Datasheet(HTML) 14 Page - Mitel Networks Corporation

Back Button VP310 Datasheet HTML 10Page - Mitel Networks Corporation VP310 Datasheet HTML 11Page - Mitel Networks Corporation VP310 Datasheet HTML 12Page - Mitel Networks Corporation VP310 Datasheet HTML 13Page - Mitel Networks Corporation VP310 Datasheet HTML 14Page - Mitel Networks Corporation VP310 Datasheet HTML 15Page - Mitel Networks Corporation VP310 Datasheet HTML 16Page - Mitel Networks Corporation VP310 Datasheet HTML 17Page - Mitel Networks Corporation VP310 Datasheet HTML 18Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
VP310
PRELIMINARY DATA
14
1.6.2 Direct conversion
Figure 12 below shows a direct conversion system that mixes the L-band input to the tuner
directly down to I and Q baseband channels at zero intermediate frequency.
The RF AGC amp and tracking filter provide the required tuner noise figure and limit the total
power reaching the SL1925. These elements also give isolation between the SL1925 local
oscillator and the L-band tuner input. This is an important factor since both signals are at the
same frequency.
The baseband filter is an anti-alias filter. This replaces the filtering normally carried out with a
SAW filter in conventional single conversion tuners.
It is important to note that all the channel filtering needed to isolate low Baud rate signals is
contained within the VP310. The low pass filter before VP310 is designed not to filter channels,
but to minimise any aliasing due to sampling. To illustrate this, let the sampling frequency be 90
MHz and the maximum symbol rate be 45 MBaud. The bandwidth of the 45 MBaud QPSK signal,
with 0.35 roll-off, is about 60 MHz. If the channel has been mapped precisely to base-band, the
pass-band of the low pass filter should extend up to 30 MHz. However, it is preferable to make
this bandwidth larger by about 5 MHz, partly to reduce the in-band phase distortion introduced by
the filter and partly to reduce the loss of signal due to LNB offset. The filter must attenuate
signals beyond 60 MHz by about 30 dB, as these signal will alias to the useful frequency range
with 90 MHz sampling.
Although the system is designed for 45 MBaud, if the actual symbol rate is much lower, say 1
MBaud, then VP310 will automatically introduce all the digital filtering needed to isolate the 1
MBaud signal.
Direct
Conversion
Tuner
SL1925
Low pass
Filter
Channel
Decoder
VP310
Synthesiser
SP5655/
SP5769
I²C bus control
Transport
stream O/P
I²C control
I I/P
Q I/P
RF I/P
AGC control
Tank
AGC
AMP
SL1914
I
Q
Figure 12. Direct Conversion System Diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com