Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP310 Datasheet(PDF) 27 Page - Mitel Networks Corporation

Part # VP310
Description  Satellite Channel Decoder
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP310 Datasheet(HTML) 27 Page - Mitel Networks Corporation

Back Button VP310 Datasheet HTML 23Page - Mitel Networks Corporation VP310 Datasheet HTML 24Page - Mitel Networks Corporation VP310 Datasheet HTML 25Page - Mitel Networks Corporation VP310 Datasheet HTML 26Page - Mitel Networks Corporation VP310 Datasheet HTML 27Page - Mitel Networks Corporation VP310 Datasheet HTML 28Page - Mitel Networks Corporation VP310 Datasheet HTML 29Page - Mitel Networks Corporation VP310 Datasheet HTML 30Page - Mitel Networks Corporation VP310 Datasheet HTML 31Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
VP310
PRELIMINARY DATA
27
4.3 Crystal specification
Parallel resonant fundamental frequency (preferred)
9.99 to 16.00MHz.
Tolerance over operating temperature range
± 25ppm.
Tolerance overall
± 50ppm.
Nominal load capacitance
30pF.
Equivalent series resistance
<35
Ω
33pF
33pF
XTI
XTO
GND
Figure 19. Crystal oscillator circuit.
NOTE: The crystal frequency should be chosen to ensure that the system clock would
marginally exceed the maximum symbol rate required.
4.4 DC electrical characteristics
Parameter
Conditions / Pin
Symbol
Min.
Typ.
Max.
Unit
Operating voltage
VDD
3.0
3.3
3.6
V
Average power supply current
IDD
TBD
mA
Average supply current Stand-by
Mode
TBD
µA
Output levels VOH
Tri-state push pull
1 mA drive current.
IIN, QIN, CLKOUT, MDO,
MOVAL, MOSTRT, MCLK,
BKERRB, DISECQ, STATUS
VOH
0.80VDD 0.92VDD
V
Output levels VOL
Tri-state push pull
1 mA drive current,
Pins as VOH.
VOL
0.2
0.4
V
Output level open drain
4 mA drive current.
6 mA drive current.
AGC, SDA, IRQB, GPP<2:0>
0.4
0.6
V
V
Open drain output max. voltage
5.5
V
Input levels VIH CMOS
3.3V input
VIH
0.8VDD
3.6
V
Input levels VIH CMOS
5.0V input
VIH
0.8VDD
5.5
V
Input levels VIL CMOS
VIL
0.2VDD
V
Input leakage Current
VIN = 0 and VDD
10
µA
Table 3. DC electrical characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com