Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP310 Datasheet(PDF) 26 Page - Mitel Networks Corporation

Part # VP310
Description  Satellite Channel Decoder
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP310 Datasheet(HTML) 26 Page - Mitel Networks Corporation

Back Button VP310 Datasheet HTML 22Page - Mitel Networks Corporation VP310 Datasheet HTML 23Page - Mitel Networks Corporation VP310 Datasheet HTML 24Page - Mitel Networks Corporation VP310 Datasheet HTML 25Page - Mitel Networks Corporation VP310 Datasheet HTML 26Page - Mitel Networks Corporation VP310 Datasheet HTML 27Page - Mitel Networks Corporation VP310 Datasheet HTML 28Page - Mitel Networks Corporation VP310 Datasheet HTML 29Page - Mitel Networks Corporation VP310 Datasheet HTML 30Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
VP310
PRELIMINARY DATA
26
4. ELECTRICAL CHARACTERISTICS
4.1 Recommended operating conditions
Parameter
Symbol
Min.
Typ.
Max.
Units
Power supply voltage
VDD
3.0
3.3
3.6
V
Power supply current
IDD
TBD
mA
Input clock frequency ¹
XTI
9.99
16.00
MHz
SCL clock frequency
fSCL
450
kHz
Ambient operating temperature
0
70
°C
Table 1. Recommended operating conditions.
Note 1. When not using a crystal,
XTI
may be driven from an external source over the
frequency range shown.
4.2 Absolute maximum ratings
Parameter
Symbol
Min.
Max.
Unit
Power supply
VDD
-0.3
+3.6
V
Voltage on input pins (5 v rated)
VI
-0.3
5.5
V
Voltage on input pins (3.3v rated)
VI
-0.3
VDD + 0.3
V
Voltage on output pins (5v rated)
VO
-0.3
5.5
V
Voltage on output pins (3.3v rated)
VO
-0.3
VDD + 0.3
V
Storage temperature
TSTG
-55
150
ºC
Operating ambient temperature
TOP
0
70
ºC
Junction temperature
TJ
125
ºC
Table 2. Maximum operating conditions.
Note: Stresses exceeding these listed under absolute maximum ratings may induce failure.
Exposure to absolute maximum ratings for extended periods may reduce reliability. Functionality
at or above these conditions is not implied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com