Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP310 Datasheet(PDF) 12 Page - Mitel Networks Corporation

Part # VP310
Description  Satellite Channel Decoder
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP310 Datasheet(HTML) 12 Page - Mitel Networks Corporation

Back Button VP310 Datasheet HTML 8Page - Mitel Networks Corporation VP310 Datasheet HTML 9Page - Mitel Networks Corporation VP310 Datasheet HTML 10Page - Mitel Networks Corporation VP310 Datasheet HTML 11Page - Mitel Networks Corporation VP310 Datasheet HTML 12Page - Mitel Networks Corporation VP310 Datasheet HTML 13Page - Mitel Networks Corporation VP310 Datasheet HTML 14Page - Mitel Networks Corporation VP310 Datasheet HTML 15Page - Mitel Networks Corporation VP310 Datasheet HTML 16Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
VP310
PRELIMINARY DATA
12
1.5 Control
Automatic Symbol Rate Search, Code Rate Search, Signal Acquisition and Signal Tracking
algorithms are built into the VP310 using a sophisticated on-chip controller. The software
interaction with the device is via a simple Command Driven Control (CDC) interface. This CDC
maps high level inputs such as symbol rates in MBaud and frequencies in MHz, to low level on-
chip register settings. The on-chip control state machine and the CDC significantly reduces the
software overhead as well as the channel search times. There is also an option for the host
processor to by-pass both the CDC as well as the on-chip controller and take direct control of the
QPSK demodulator.
Command
Driven
Control
High level input/output
(MBaud, MHz)
VP310
format
registers
Acquistion/
Track
State machine
QPSK
Low level register read/write
Figure 10. VP310 Control Structure.
Once the VP310 has locked up, any frequency offset can be read from the LNB_FREQ error
registers 7 and 8. The frequency synthesiser under the software control can be re-tuned in
frequency to optimise the received signal within the SAW bandwidth. Note that VP310
compensates for any frequency offsets before QPSK demodulation. Hence a frequency offset will
not necessarily lead to a performance loss. Performance loss will occur only if part of the signal
is cut off by the SAW or base-band filter, due to this frequency offset. This will happen only if the
symbol rate is close to maximum supported by that filter. In such an event it is recommended
that front-end be re-tuned to neutralise this error before the SAW filter. It is then necessary for the
VP310 to re-acquire the signal.
The VP310 can generate control signals to enable full control of the dish and LNB. The chip
implements the signals needed for the full DiSEqC v1.1 specification. This includes high/low
band selection, polarisation and dish position.
The microprocessor interface is via the primary I²C bus. The tuner control from the VP310 is via
either I²C bus or 3-wire bus, recreated on the General Purpose Port (GPP).
1.5.1 Known Symbol Rate and Code Rate mode
In this mode, the Symbol rate in MBaud and Viterbi code rate are the only values needed to start
the VP310 searching for the signal. The CDC module maps the high level parameters into the
various low level register settings needed to acquire and track the signal. The low level registers
may be read and directly modified to suit very specific requirements. However, this is not
recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com