Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP310 Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # VP310
Description  Satellite Channel Decoder
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP310 Datasheet(HTML) 4 Page - Mitel Networks Corporation

  VP310 Datasheet HTML 1Page - Mitel Networks Corporation VP310 Datasheet HTML 2Page - Mitel Networks Corporation VP310 Datasheet HTML 3Page - Mitel Networks Corporation VP310 Datasheet HTML 4Page - Mitel Networks Corporation VP310 Datasheet HTML 5Page - Mitel Networks Corporation VP310 Datasheet HTML 6Page - Mitel Networks Corporation VP310 Datasheet HTML 7Page - Mitel Networks Corporation VP310 Datasheet HTML 8Page - Mitel Networks Corporation VP310 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
VP310
PRELIMINARY DATA
4
PLEASE NOTE: This manual has the following convention:
All numerical values are shown as decimal numbers, unless otherwise defined.
1. FUNCTIONAL DESCRIPTION
1.1 Introduction
VP310 is a single-chip variable rate digital QPSK/BPSK satellite demodulator and channel
decoder. The VP310 accepts base-band in-phase and quadrature analog signals and delivers an
MPEG or DSS packet data stream. Digital filtering in VP310 removes the need for any external
anti-alias filtering for all symbol rates from 1 to 45Mbaud. Frequency, timing and carrier phase
recovery are all digital and the only feed-back to the analog front-end is for automatic gain
control. The digital phase recovery loop enables very fine bandwidth control that is needed to
overcome performance degradation due to phase and thermal noise.
All acquisition algorithms are built into the VP310 controller. The VP310 can be operated in a
Command Driven Control (CDC) mode by specifying the Symbol rate and Viterbi code rate.
There is also a provision for a search for unknown Symbol rates and Viterbi code rates.
1.2 Analog-to-Digital Converter
The VP310 contains dual 6-bit A/D converters which each sample a 1.0Vpp single-ended analog
input at up to 90MHz. The fixed rate sampling clock is provided on-chip using a programmable
PLL needing only a low cost 10 to 15MHz crystal. Different crystal frequencies can be combined
with different PLL ratios, depending on the maximum symbol rate, allowing a flexible approach to
clock generation.
1.3 QPSK Demodulator
The demodulator in the VP310 consists of signal amplitude offset compensation, frequency offset
compensation, decimation filtering, carrier recovery, symbol recovery and matched filtering.
The decimation filters give continuous operation from 2Mbits/s to 90Mbits/s allowing one receiver
to cover the needs of the consumer market as well as the single carrier per channel (SCPC)
market with the same components without compromising performance, that is, the channel
reception is within 0.5dB from theory. For a given Symbol rate, control algorithms on the chip
detect the number of decimation stages needed and switch them in automatically.
The frequency offset compensation circuitry is capable of tracking out up to ± 15MHz frequency
offset. This allows the system to cope with relatively large frequency uncertainties introduced by
the Low Noise Block (LNB). Full control of the LNB is provided by the DiSEqC outputs from the
VP310. Horizontal / Vertical polarisation and an instruction modulated 22kHz signal are available
under register control. All DiSEqC v1.1 functions are implemented on the VP310.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com