Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP310 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # VP310
Description  Satellite Channel Decoder
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP310 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  VP310 Datasheet HTML 1Page - Mitel Networks Corporation VP310 Datasheet HTML 2Page - Mitel Networks Corporation VP310 Datasheet HTML 3Page - Mitel Networks Corporation VP310 Datasheet HTML 4Page - Mitel Networks Corporation VP310 Datasheet HTML 5Page - Mitel Networks Corporation VP310 Datasheet HTML 6Page - Mitel Networks Corporation VP310 Datasheet HTML 7Page - Mitel Networks Corporation VP310 Datasheet HTML 8Page - Mitel Networks Corporation VP310 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
VP310
Satellite Channel Decoder
Preliminary Information
SHORTFORM TECHNICAL MANUAL
DS5155 -1.00 21/04/99
Ordering Information
VP310 - Key Features
VP310 CG GQ1R
Conforms to EBU specification for DVB-S and DirecTV specification for DSS.
On-chip digital filtering supports 1 to 45MBaud Symbol rates.
On-chip 6-bit 60 or 90MHz dual-ADC.
High speed scanning mode for blind symbol rate and code rate acquisition.
Up to ± 15MHz LNB frequency tracking.
Fully digital timing and phase recovery loops.
High level software interface for minimum development time.
DiSEqC™ v1.1: control outputs for full control of LNB and dish.
Applications
DVB 1 to 45MBaud compliant satellite receivers.
DSS 20MBaud compliant satellite receivers.
SCPC receivers. (Single Channel Per Carrier)
SMATV trans-modulators. (Single Master Antenna TV)
LMDS. (Local Multipoint Distribution Service)
Satellite PC applications.
The VP310 is a QPSK/BPSK 1 to 45MBaud demodulator and channel decoder for
digital satellite television transmissions to the European Broadcast Union ETS 300 421
specification. It receives analog I and Q signals from the tuner, digitises and digitally
demodulates this signal, and implements the complete DVB/DSS FEC (Forward Error
Correction), and de-scrambling function. The output is in the form of MPEG2 or DSS
transport stream data packets. The VP310 also provides automatic gain control to the
RF front-end devices.
The VP310 has a serial I²C port interface to the control microprocessor. Minimal
software is required to control the VP310 because of the built in automatic search and
decode control functions.


Similar Part No. - VP310

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
VP3101 BOTHHAND-VP3101 Datasheet
252Kb / 1P
10/100 BASE-TX VOICE OVER IP MAGNETICS
More results

Similar Description - VP310

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN88413 PANASONIC-MN88413 Datasheet
49Kb / 5P
Channel Decoder LSI for Digital Satellite Broadcast Reception
logo
NXP Semiconductors
TDA8043 PHILIPS-TDA8043 Datasheet
95Kb / 16P
Satellite Demodulator and Decoder SDD
1998 Feb 13
TDA8044 PHILIPS-TDA8044 Datasheet
100Kb / 20P
Satellite demodulator and decoder
2000 Feb 21
TDA8083 PHILIPS-TDA8083 Datasheet
87Kb / 16P
Satellite Demodulator and Decoder SDD3
1999 Jul 28
logo
STMicroelectronics
TEA2130 STMICROELECTRONICS-TEA2130 Datasheet
126Kb / 8P
TV AND SATELLITE DECODER SCANNING PROCESSOR
Sep-1993
logo
Mitel Networks Corporat...
VP305 MITEL-VP305 Datasheet
652Kb / 85P
Satellite Channel Decoder
logo
Zarlink Semiconductor I...
MT312 ZARLINK-MT312 Datasheet
318Kb / 90P
Satellite Channel Decoder
logo
Broadcom Corporation.
BCM7328 BOARDCOM-BCM7328 Datasheet
103Kb / 2P
SINGLE-CHIP SATELLITE SET-TOP BOX DECODER
BCM7315 BOARDCOM-BCM7315 Datasheet
104Kb / 2P
SINGLE-CHIP SATELLITE SET-TOP BOX DECODER
BCM7317 BOARDCOM-BCM7317 Datasheet
132Kb / 2P
SINGLE-CHIP SATELLITE SET-TOP BOX DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com