Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP310 Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # VP310
Description  Satellite Channel Decoder
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP310 Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button VP310 Datasheet HTML 2Page - Mitel Networks Corporation VP310 Datasheet HTML 3Page - Mitel Networks Corporation VP310 Datasheet HTML 4Page - Mitel Networks Corporation VP310 Datasheet HTML 5Page - Mitel Networks Corporation VP310 Datasheet HTML 6Page - Mitel Networks Corporation VP310 Datasheet HTML 7Page - Mitel Networks Corporation VP310 Datasheet HTML 8Page - Mitel Networks Corporation VP310 Datasheet HTML 9Page - Mitel Networks Corporation VP310 Datasheet HTML 10Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
VP310
PRELIMINARY DATA
6
In DVB mode, spectrum de-scrambling is performed compatible with the DVB specification. The
final output is a parallel or serial transport data stream; packet sync; data clock; and a block error
signal. The data clock may be inverted under software control.
1.4.1.1 Viterbi error count measurement
A method of estimating the bit error rate at the output of the QPSK block has been provided in
the Viterbi decoder. The incoming data bit stream is delayed and compared with the re-encoded
and punctured version of the decoded bit stream to obtain a count of errors see Figure 2 below.
VITERBI
DECODER
DELAY
COMP
ERROR COUNT
DATA BIT STREAM
VITERBI
ENCODER
Figure 2. Viterbi block diagram.
The measurement system has a programmable register to determine the number of data bits (the
error count period) over which the count is being recorded. A read register indicates the error
count result and an interrupt can be generated to inform the host microprocessor that a new
count is available.
The VIT_ERRPER H-M-L group of three registers is programmed with required number of data
bits
(the
error
count
period)
(VIT_ERRPER[23:0]).
The
actual
value
is
four
times
VIT_ERRPER[23:0]. The count of errors found during this period is loaded by the VP310 into the
VIT_ERRCNT H-M-L trio of registers when the bit count VIT_ERRPER[23:0] is reached. At the
same time an interrupt is generated on the IRQ line. Setting the IE_FEC[2] bit in the IE_FEC
register enables the interrupt. Reading the register does not clear VIT_ERRCNT [23:0], it is only
loaded with the error count.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com