Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP310 Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # VP310
Description  Satellite Channel Decoder
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP310 Datasheet(HTML) 5 Page - Mitel Networks Corporation

  VP310 Datasheet HTML 1Page - Mitel Networks Corporation VP310 Datasheet HTML 2Page - Mitel Networks Corporation VP310 Datasheet HTML 3Page - Mitel Networks Corporation VP310 Datasheet HTML 4Page - Mitel Networks Corporation VP310 Datasheet HTML 5Page - Mitel Networks Corporation VP310 Datasheet HTML 6Page - Mitel Networks Corporation VP310 Datasheet HTML 7Page - Mitel Networks Corporation VP310 Datasheet HTML 8Page - Mitel Networks Corporation VP310 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
VP310
PRELIMINARY DATA
5
An internal state machine that handles all the demodulator functions controls the signal tracking
and acquisition. Various pre-set modes are available as well as blind acquisition where the
receiver has no prior knowledge of the received signal. Fast acquisition algorithms have been
provided for low Symbol rate applications. Full interactive control of the acquisition function is
possible for debug purposes.
In the event of a signal fade or a cycle slip, QPSK demodulator allows sufficient time for the FEC
to re-acquire lock, for example, via a phase rotation in the Viterbi decoder. This is to minimise the
loss of signal due to the signal fade. Only if the FEC fails to re-acquire lock for a long period
(which is programmable) would QPSK try to re-acquire the signal.
The matched filter is a root-raised-cosine filter with either 0.20 or 0.35 roll-off, compliant with
DSS and DVB standards. Although not a part of the DVB standard, VP310 allows a roll-off of
0.20 to be used with other DVB parameters.
An AGC signal is provided to control the signal levels in the tuner section of the receiver and
ensure the signal level fed to the VP310 is set at an optimal value under all reception conditions.
The VP310 provides comprehensive information on the input signal and the state of the various
parts of the device. This information includes Signal to Noise Ratio (SNR), signal level, AGC
lock, timing and carrier lock signals. A maskable interrupt output is available to inform the host
controller when events occur.
1.4 Forward Error Correction
The VP310 contains FEC blocks to enable error correction for DVB-S and DSS transmissions.
The Viterbi decoder block can decode the convolutional code with rates 1/2, 2/3, 3/4, 5/6, 6/7 or
7/8. The block features automatic synchronisation and automatic code rate detection. The trace
back depth of 128 provides better performance at high code rates and the built-in synchronisation
algorithm allows the Viterbi decoder to lock onto signals with very poor signal-to-noise ratios.
Viterbi bit error rate monitor provides an indication of the error rate at QPSK output.
The 24-bit error count register in the Viterbi decoder allows the bit error rate at the output of the
QPSK demodulator to be monitored. The 24-bit bit error count register in the Reed-Solomon
decoder allows the Viterbi output bit error rate to be monitored. The 16-bit uncorrectable packet
counter yields information about the output packet error rate. These three monitors and the
QPSK SNR register allows the performance of the device and its individual components, such as
the QPSK demodulator and the Viterbi decoder, to be monitored extensively by the external
microprocessor.
The frame/byte align block features a sophisticated synchronisation algorithm to ensure reliable
recovery of DVB and DSS framed data streams under worst case signal conditions. The de-
interleaver uses on-chip RAM and is compatible with the DVB and DSS algorithms.
The Reed-Solomon decoder is a truncated version of the (255, 239) code. The code block size is
204 for DVB and 146 for DSS. The decoder provides a count of the number of uncorrectable
blocks as well as the number of bit errors corrected. The latter gives an indication of the bit error
rate at the output of the Viterbi decoder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com