Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP310 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # VP310
Description  Satellite Channel Decoder
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP310 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  VP310 Datasheet HTML 1Page - Mitel Networks Corporation VP310 Datasheet HTML 2Page - Mitel Networks Corporation VP310 Datasheet HTML 3Page - Mitel Networks Corporation VP310 Datasheet HTML 4Page - Mitel Networks Corporation VP310 Datasheet HTML 5Page - Mitel Networks Corporation VP310 Datasheet HTML 6Page - Mitel Networks Corporation VP310 Datasheet HTML 7Page - Mitel Networks Corporation VP310 Datasheet HTML 8Page - Mitel Networks Corporation VP310 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
VP310
PRELIMINARY DATA
3
Additional Features
I²C bus microprocessor interface.
All digital clock and carrier recovery.
On-chip PLL clock generation using low cost 10 to 15MHz crystal.
3.3V operation.
80 pin MQFP package.
Low external component count.
Commercial temperature range 0 to 70°C.
Demodulator
BPSK or QPSK programmable.
Optional fast acquisition mode for low symbol rates.
Viterbi
Programmable decoder rates 1/2, 2/3, 3/4, 5/6, 6/7, 7/8.
Constraint length k=7.
Trace back depth 128.
Extensive SNR and BER monitors.
De-Interleaver
Compliant with DVB and DSS standards.
Reed Solomon
(204, 188) for DVB and (146,130) for DSS.
Reed Solomon Bit-error-rate monitor to indicate Viterbi performance.
De-Scrambler
EBU specification De-scrambler for DVB mode.
Outputs
MPEG transport parallel & serial output.
Integrated MPEG2 TEI bit processing for DVB only.
Application Support
Channel decoder system evaluation board.
I²C interface board to PC.
Windows based evaluation software.
ANSI C generic software.
Application support help desk via email/telephone.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com