Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP310 Datasheet(PDF) 23 Page - Mitel Networks Corporation

Part # VP310
Description  Satellite Channel Decoder
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP310 Datasheet(HTML) 23 Page - Mitel Networks Corporation

Back Button VP310 Datasheet HTML 19Page - Mitel Networks Corporation VP310 Datasheet HTML 20Page - Mitel Networks Corporation VP310 Datasheet HTML 21Page - Mitel Networks Corporation VP310 Datasheet HTML 22Page - Mitel Networks Corporation VP310 Datasheet HTML 23Page - Mitel Networks Corporation VP310 Datasheet HTML 24Page - Mitel Networks Corporation VP310 Datasheet HTML 25Page - Mitel Networks Corporation VP310 Datasheet HTML 26Page - Mitel Networks Corporation VP310 Datasheet HTML 27Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
VP310
PRELIMINARY DATA
23
2.7 Signal and Performance Monitors
The LNB error frequency can be obtained from LNB_FREQ registers (7 – 8). Any LNB error may
be removed by offsetting the LNB frequency and re-tuning the tuner by the indicated amount.
However, note that VP310 compensates for this frequency error before QPSK demodulation.
Hence it is not necessary to re-tune the front-end unless this LNB error causes a significant
amount of signal energy to be lost due to anti-alias filtering.
The tuner RF signal level indication can be obtained from AGC H and AGC M registers (108 –
109).
VP310 input signal level indication can be obtained from SIG_LEV register (19).
An indication of Signal to Noise Ratio (SNR) can be obtained from M_SNR registers (9 – 10)
where a formula is given. This measurement is only intended as a guide to the SNR of the
channel being received. It should not be taken as the absolute value of SNR.
QPSK output Bit Error Rate is available by dividing the reading from VIT_ERRCNT registers (11
– 13) by the reading from VIT_ERRPER registers (83 – 85).
Viterbi output Bit Error Rate is available by reading RS_BERCNT registers (14 – 16). Two
readings are taken with a known time interval separating them. The first reading resets the
counter at the start of the time period, so it is ignored.
The Reed Solomon uncorrected block error count can be found from RS_UBC registers (17 –
18). This reading is related to the cycle slip performance of the tuner. The measurement
technique is similar to that for the Viterbi Bit Error Rate above, two readings being taken over a
defined time period. In this case the period will usually be very long, say 24 hours, to accumulate
a reasonable count.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com