Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP310 Datasheet(PDF) 25 Page - Mitel Networks Corporation

Part # VP310
Description  Satellite Channel Decoder
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP310 Datasheet(HTML) 25 Page - Mitel Networks Corporation

Back Button VP310 Datasheet HTML 21Page - Mitel Networks Corporation VP310 Datasheet HTML 22Page - Mitel Networks Corporation VP310 Datasheet HTML 23Page - Mitel Networks Corporation VP310 Datasheet HTML 24Page - Mitel Networks Corporation VP310 Datasheet HTML 25Page - Mitel Networks Corporation VP310 Datasheet HTML 26Page - Mitel Networks Corporation VP310 Datasheet HTML 27Page - Mitel Networks Corporation VP310 Datasheet HTML 28Page - Mitel Networks Corporation VP310 Datasheet HTML 29Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
VP310
PRELIMINARY DATA
25
3.2 Read only register map
Writing to these registers will have no effect.
NAME
ADR
B7
B6
B5
B4
B3
B2
B1
B0
DEF
hex
QPSK_INT H
00
QPSK_INT[23:16] Interrupt QPSK (high byte)
00
QPSK_INT M
01
QPSK_INT [15:8] Interrupt QPSK (middle byte)
00
QPSK_INT L
02
QPSK_INT [7:0] Interrupt QPSK (low byte)
00
FEC_INT
03
FEC_INT[7:0] Interrupt FEC
00
QPSK_STAT H
04
QPSK STATUS[15:8] (high byte)
00
QPSK_STAT L
05
QPSK STATUS[7:0] (low byte)
00
FEC_STATUS
06
FEC STATUS[7:0]
00
LNB_FREQ H
07
LNB_FREQ[15:8] Measured LNB frequency error (high byte)
00
LNB_FREQ L
08
LNB_FREQ [7:0] Measured LNB frequency error (low byte)
00
M_SNR H
09
Reserved
M_SNR[14:8] Measured SNR (high byte)
00
M_SNR L
10
M_SNR [7:0] Measured SNR (low byte)
00
VIT_ERRCNT H
11
VIT_ERRCNT[23:16] - Viterbi error count (high byte)
00
VIT_ERRCNT M
12
VIT_ERRCNT [15:8] - Viterbi error count (middle byte)
00
VIT_ERRCNT L
13
VIT_ERRCNT [7:0] - Viterbi error count (low byte)
00
RS_BERCNT H
14
RS_BERCNT [23:16] - Reed Solomon bit errors corrected (high byte)
00
RS_BERCNT M
15
RS_BERCNT[15:8] - Reed Solomon bit errors corrected (middle byte)
00
RS_BERCNT L
16
RS_BERCNT[7:0] - Reed Solomon bit errors corrected (low byte)
00
RS_UBC H
17
RS_UBC [15:8] - Reed Solomon uncorrected block errors (high byte)
00
RS_UBC L
18
RS_UBC[7:0] - Reed Solomon uncorrected block errors (low byte)
00
SIG_LEVEL
19
SIG_LEVEL[11:4] - Signal level at VP310 input
00
AGC H
108
AGC[23:16] - Front end AGC (high byte)
00
AGC M
109
AGC[15:8] - Front end AGC (middle byte)
00
AGC L
110
AGC[7:0] - Front end AGC (low byte)
00
FREQ_ERR1 H
111
FREQ_ERR1[23:16] Input frequency error course (high byte)
00
FREQ_ERR1 M
112
FREQ_ERR1[15:8] Input frequency error course (middle byte)
00
FREQ_ERR1 L
113
FREQ_ERR1[7:0] Input frequency error course (low byte)
00
FREQ_ERR2 H
114
FREQ_ERR2[15:8] Input frequency error fine (high byte)
00
FREQ_ERR2 L
115
FREQ_ERR2[7:0] Input frequency error fine (low byte)
00
SYM_RAT_OP H 116
SYM_RAT_OP[15:8] Symbol Rate Output (high byte)
00
SYM_RAT_OP L
117
SYM_RAT_OP [7:0] Symbol Rate Output (low byte)
00
MONITOR H
123
MONITOR[15:8] Monitor (high byte)
00
MONITOR L
124
MONITOR[7:0] Monitor (low byte)
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com