Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP310 Datasheet(PDF) 17 Page - Mitel Networks Corporation

Part # VP310
Description  Satellite Channel Decoder
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP310 Datasheet(HTML) 17 Page - Mitel Networks Corporation

Back Button VP310 Datasheet HTML 13Page - Mitel Networks Corporation VP310 Datasheet HTML 14Page - Mitel Networks Corporation VP310 Datasheet HTML 15Page - Mitel Networks Corporation VP310 Datasheet HTML 16Page - Mitel Networks Corporation VP310 Datasheet HTML 17Page - Mitel Networks Corporation VP310 Datasheet HTML 18Page - Mitel Networks Corporation VP310 Datasheet HTML 19Page - Mitel Networks Corporation VP310 Datasheet HTML 20Page - Mitel Networks Corporation VP310 Datasheet HTML 21Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
VP310
PRELIMINARY DATA
17
Enable VP310 : Program CONFIG
Reg 127 = 136 (88hex)
Program tuner via GPP in 'pass through mode'
open port with Reg 20 = 64 (40hex)
send TUNER DATA via I2C bus (5 bytes).
close port with Reg 20 = 0
Reset VP310 to default register settings
Reg 21 = 128 (80hex)
Set AGC_SL (if required)
Initialise registers: reg 49 = 50 (32hex);
reg 86 = 20 (14hex); reg 87 = 18 (12hex);
reg 88 = 2; reg 89 = 1; reg 90 = 0;
reg 91 = 0; reg 92 = 0; reg 93 = 0.
DiSEqC mode
eg Horizontal with 22kHz on:
Reg 22 = 65 (41hex)
Signal input - Symbol rate
eg 27.5 MBaud:
Reg 23 = 27 (1Bhex) DEFAULT state
Reg 24 = 128 (80hex) DEFAULT state
Viterbi code rate
eg V_IQ swap not set, CR = 3/4:
Reg 25 = 4 (4hex)
QPSK control
eg DVB : roll-off = 0.35:
Reg 26 = 0 DEFAULT state
GO
Release reset state to start signal capture
Reg 27 = 1
Figure 13. Initialisation sequence in DVB mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com