Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP310 Datasheet(PDF) 20 Page - Mitel Networks Corporation

Part # VP310
Description  Satellite Channel Decoder
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP310 Datasheet(HTML) 20 Page - Mitel Networks Corporation

Back Button VP310 Datasheet HTML 16Page - Mitel Networks Corporation VP310 Datasheet HTML 17Page - Mitel Networks Corporation VP310 Datasheet HTML 18Page - Mitel Networks Corporation VP310 Datasheet HTML 19Page - Mitel Networks Corporation VP310 Datasheet HTML 20Page - Mitel Networks Corporation VP310 Datasheet HTML 21Page - Mitel Networks Corporation VP310 Datasheet HTML 22Page - Mitel Networks Corporation VP310 Datasheet HTML 23Page - Mitel Networks Corporation VP310 Datasheet HTML 24Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
VP310
PRELIMINARY DATA
20
2.5 Channel change sequence with Search mode
If the signal parameters are unknown, it is possible to instruct the VP310 to find a digital signal
and report the parameters found. Registers 24 and 25 are programmed with the expected
range(s) and the search mode bit SYM_RATE[B15] is set high. A code rate search is forced by
programming more than one bit in VIT_MODE (26) register.
Note: code rate 6/7 is not searched for DVB mode.
If a signal with the specified symbol rate range (or ranges) is not found in the frequency range
searched, a QPSK Baud End interrupt (Bit B6, QPSK_INT_L (2)) is issued.
Program tuner via GPP in 'pass through mode'
open port with Reg 20 = 64 (40hex)
send TUNER DATA via I2C bus (5 bytes).
close port with Reg 20 = 0
DiSEqC mode
eg Horizontal with 22kHz on:
Reg 22 = 65 (41hex)
Signal input - Search mode
eg for SYS_CLK=60MHz and
30 to 20 MBaud range:
Reg 23 = 136 (88hex)
Reg 24 = 0
Viterbi code rate search
eg V_IQ swap not set:
Reg 25 = 47 (2Fhex)
GO
Re-acquire signal
Reg 27 = 1
Figure 16. Channel change sequence with search mode, DVB mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com