Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP310 Datasheet(PDF) 18 Page - Mitel Networks Corporation

Part # VP310
Description  Satellite Channel Decoder
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP310 Datasheet(HTML) 18 Page - Mitel Networks Corporation

Back Button VP310 Datasheet HTML 14Page - Mitel Networks Corporation VP310 Datasheet HTML 15Page - Mitel Networks Corporation VP310 Datasheet HTML 16Page - Mitel Networks Corporation VP310 Datasheet HTML 17Page - Mitel Networks Corporation VP310 Datasheet HTML 18Page - Mitel Networks Corporation VP310 Datasheet HTML 19Page - Mitel Networks Corporation VP310 Datasheet HTML 20Page - Mitel Networks Corporation VP310 Datasheet HTML 21Page - Mitel Networks Corporation VP310 Datasheet HTML 22Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
VP310
PRELIMINARY DATA
18
2.2 Spectral Inversion
Spectral inversion of the QPSK signal can be caused by the transmitter or the receiver front-end.
In the latter case, this could happen due to the way I-Q conversion is carried out or because the I
and Q wires are swapped between the I-Q converter and the VP310. If spectral inversion is
caused by the receiver front-end, then this must be removed by swapping I and Q (within VP310)
before QPSK demodulation, by setting Q_IQ_SP bit B6 of QPSK_CTRL register (26) to 1.
If no spectral inversion is caused by the receiver front-end design, then bit B6 of QPSK_CTRL
must always be held at zero. If the transmitted signal is known to be spectrally inverted, then
V_IQ_SP bit B6 of the VIT_MODE register (25) must be set to 1. Then I and Q are swapped after
QPSK demodulation. If the spectral inversion status of the transmitted signal is not known, then
after QPSK has locked (i.e. QPSK_CT_LOCK = 1), the software must try to achieve FEC lock
with the bit B6 of VIT_MODE register first at zero and then at one.
2.3 Simple channel change sequence
If the VP310 is running, to change channel keeping the same signal conditions, it is only
necessary to change the tuner data and possibly the DiSEqC data. NO reset is necessary.
Program tuner via GPP in 'pass through mode'
open port with Reg 20 = 64 (40hex)
send TUNER DATA via I2C bus (5 bytes).
close port with Reg 20 = 0
DiSEqC mode
eg Vertical with 22kHz on:
Reg 22 = 1 (01hex)
GO
Re-acquire signal
Reg 27 = 1
Figure 14. Simple channel change sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com