Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP310 Datasheet(PDF) 24 Page - Mitel Networks Corporation

Part # VP310
Description  Satellite Channel Decoder
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP310 Datasheet(HTML) 24 Page - Mitel Networks Corporation

Back Button VP310 Datasheet HTML 20Page - Mitel Networks Corporation VP310 Datasheet HTML 21Page - Mitel Networks Corporation VP310 Datasheet HTML 22Page - Mitel Networks Corporation VP310 Datasheet HTML 23Page - Mitel Networks Corporation VP310 Datasheet HTML 24Page - Mitel Networks Corporation VP310 Datasheet HTML 25Page - Mitel Networks Corporation VP310 Datasheet HTML 26Page - Mitel Networks Corporation VP310 Datasheet HTML 27Page - Mitel Networks Corporation VP310 Datasheet HTML 28Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
VP310
PRELIMINARY DATA
24
3. VP310 register map
RADD is a virtual register with no address containing the address of the register to be accessed.
It is written immediately after the I²C write address.
NAME
ADR
B7
B6
B5
B4
B3
B2
B1
B0
DEF
hex
RADD
N/A
IAI
AD6
AD5
AD4
AD3
AD2
AD1
AD0
-
3.1 Write / Read register map
NAME
ADR
B7
B6
B5
B4
B3
B2
B1
B0
DEF
hex
GPP_CTRL
20
Reserved I2C_PAS
GPP_DIR[2:0]
GPP_PIN[2:0]
20
RESET
21
FR_310
PR_310
FR_QP
PR_QP
FR_VIT
PR_VIT
PR_BA
PR_DS
00
DISEQC_MODE
22
Reserved
HV
DISEQC instruction length
22kHz mode
00
SYM_RATE H
23
SEARCH Reserved
SYM_RATE[13:8] in MBaud (high byte)
1B
SYM_RATE L
24
SYM_RATE[7:0] in MBaud (low byte)
80
VIT_MODE
25
Reserved V_IQ_SP CR 7/8
CR 6/7
CR 5/6
CR 3/4
CR 2/3
CR 1/2
44
QPSK_CTRL
26
Reserved Q_IQ_SP Reserved Reserved Reserved AFC_M Reserved ROLL_20
00
GO
27
Reserved
GO
00
IE_QPSK H
28
IE_QPSK[23:16] Interrupt enable QPSK (high byte)
00
IE_QPSK M
29
IE_QPSK[15:8] Interrupt enable QPSK (middle byte)
00
IE_QPSK L
30
IE_QPSK [7:0] Interrupt enable QPSK (low byte)
00
IE_FEC
31
IE_FEC[7:0] Interrupt enable FEC
00
QPSK_STAT_EN
32
QPSK_STAT_EN[7:0] Enable various QPSK outputs on STATUS pin
00
FEC_STAT_EN
33
FEC_STAT_EN[3:0] Enable various FEC outputs on STATUS pin
04
SYS_CLK
34
SYS_CLK[7:0] - System clock frequency x2 in MHz
00
DISEQC_RATIO
35
DISEQC_RATIO[7:0]
00
DISEQC_INSTR
36
DISEQC Instruction [7:0]
00
FR_LIM
37
Reserved
FR_LIM[6:0] - Freq. Limit in MHz
30
FR_OFF
38
FR_OFF[7:0] - Freq. Offset in MHz
00
AGC_CTRL
39
Reserved Reserved
AGC_SD[1:0]
AGC_BW[2:0]
AGC_SL
26
AGC_REF
41
AGC_REF[7:0] AGC reference level
67
OP_CTRL
96
Reserved BKERIV MCLKIV EN_TEI
BSO
BA_LK[2:0]
33
MON_CTRL
103
MON_CTRL[7:0] Monitor control
00
CONFIG
127
310_EN
DSS_B
DSS_A
BPSK
PLL_FACTOR[1:0] CRYS15 ADCEXT
08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com