Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP310 Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # VP310
Description  Satellite Channel Decoder
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP310 Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button VP310 Datasheet HTML 3Page - Mitel Networks Corporation VP310 Datasheet HTML 4Page - Mitel Networks Corporation VP310 Datasheet HTML 5Page - Mitel Networks Corporation VP310 Datasheet HTML 6Page - Mitel Networks Corporation VP310 Datasheet HTML 7Page - Mitel Networks Corporation VP310 Datasheet HTML 8Page - Mitel Networks Corporation VP310 Datasheet HTML 9Page - Mitel Networks Corporation VP310 Datasheet HTML 10Page - Mitel Networks Corporation VP310 Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
VP310
PRELIMINARY DATA
7
VIT_ERRPER[23:0]
DATA BITS
ERROR
COUNT
VIT_ERRCNT[23:0]
0
0
IRQ
Figure 3. Viterbi error count measurement.
Figure 3 above shows the bit errors rising until the maximum programmed value of
VIT_ERRPER[23:0] is reached, when an interrupt is generated on the IRQ line to advise the
host microprocessor that a new value of bit error count has been loaded into the
VIT_ERRCNT[23:0] register. The IRQ line will go high when the IE_FEC register is read by the
host microprocessor.
VIT_ERRCNT[23:0] VIT_ERRPER[23:0]
The error count may be expressed as a ratio:
VIT_ERRCNT[23:0]
VIT_ERRPER[23:0] * 4
1.4.1.2 Viterbi error count coarse indication
To assist in the process of aligning the receiver dish aerial, a coarse indication of the number of
bit errors being received can be provided by monitoring the STATUS line with the following set up
conditions.
The frequency of the output waveform will be a function of the bit error count (triggering the
maximum value programmed into the VIT_MAXERR[7:0] register and the dish alignment on the
satellite. This VIT_MAXERR mode is enabled by setting the FEC_STAT_EN register bit B0.
Figure 4 on page 8 shows the bit errors rising to the maximum value programmed and triggering
a change of state on the STATUS line.
The output signal will be in the audio frequency range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com