Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP310 Datasheet(PDF) 15 Page - Mitel Networks Corporation

Part # VP310
Description  Satellite Channel Decoder
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP310 Datasheet(HTML) 15 Page - Mitel Networks Corporation

Back Button VP310 Datasheet HTML 11Page - Mitel Networks Corporation VP310 Datasheet HTML 12Page - Mitel Networks Corporation VP310 Datasheet HTML 13Page - Mitel Networks Corporation VP310 Datasheet HTML 14Page - Mitel Networks Corporation VP310 Datasheet HTML 15Page - Mitel Networks Corporation VP310 Datasheet HTML 16Page - Mitel Networks Corporation VP310 Datasheet HTML 17Page - Mitel Networks Corporation VP310 Datasheet HTML 18Page - Mitel Networks Corporation VP310 Datasheet HTML 19Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
VP310
PRELIMINARY DATA
15
2. VP310 software control
This section describes the sequences of register operations needed to acquire DVB and DSS
channels with known or unknown parameters.
Communication with the VP310 is via a standard I²C bus and the first byte following the chip
address, in write mode, is the register address (RADD).
The register map is organised to group important Read registers at the lowest addresses, then
the main control Write registers in the next block of addresses.
The first register to be written must be the Configuration register, which has been placed at the
highest register address, because it is only written once during the initialisation sequence.
The CONFIG register can only be reset by the hardware reset. The VP310 is held in a power
saving mode following the hardware reset.
After a hardware reset, the VP310 must be taken out of the power save mode by writing a one to
the MSB of the CONFIG register. When VP310 is not being used it can be put back into the
power save mode by writing a zero to the MSB of CONFIG.
2.1 Initialisation sequence
VP310 will be in the power save mode after a hardware reset. The first command to be written
must be to the CONFIGURATION register at address 127. After loading this register, wait 150µs
before writing to the RESET register. During this wait, the tuner can programmed to the required
channel frequency via the General Purpose Port (register 20).
Next write 128 to the RESET register (21) to reset the VP310 state machine and all parameter
registers to the default settings.
The default settings of the VP310 assumes a Gain Control Amplifier with a negative gain Vs
voltage slope, i.e. the gain increases with decreasing voltage. However, if this slope is positive,
the polarity of the AGC control signal can be inverted by programming 1 to bit B0 of the
AGC_CTRL register, i.e. by changing the default AGC_CTRL setting from 38 to 39. It is best to
do this immediately after writing 128 to the RESET register. Then the AGC loop can settle whilst
the other registers of VP310 are programmed. Note that the initial value, minimum value and the
maximum value of the AGC control voltage can also be programmed using the corresponding
VP310 registers.
After this, the LNB controls are defined, in register (22) DISEQC_MODE.
The signal parameters should then be written to the VP310. The symbol rate (registers 23 & 25
SYM_RATE) may be specified within ±2% of the required value, absolute precision is not
required to achieve successful lock and tracking. If the symbol rate is unknown, a search mode is
available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com