Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP310 Datasheet(PDF) 29 Page - Mitel Networks Corporation

Part # VP310
Description  Satellite Channel Decoder
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP310 Datasheet(HTML) 29 Page - Mitel Networks Corporation

Back Button VP310 Datasheet HTML 23Page - Mitel Networks Corporation VP310 Datasheet HTML 24Page - Mitel Networks Corporation VP310 Datasheet HTML 25Page - Mitel Networks Corporation VP310 Datasheet HTML 26Page - Mitel Networks Corporation VP310 Datasheet HTML 27Page - Mitel Networks Corporation VP310 Datasheet HTML 28Page - Mitel Networks Corporation VP310 Datasheet HTML 29Page - Mitel Networks Corporation VP310 Datasheet HTML 30Page - Mitel Networks Corporation VP310 Datasheet HTML 31Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
VP310
PRELIMINARY DATA
29
5. APPENDIX 1: Application Schematic
ADCFGnd
24
ADCFVdd
25
VRT
26
IREF
27
ISINGP
28
COMP
29
ADCDVdd
30
ADCDGnd
31
VRM
32
QSINGP
33
QREF
34
VRB
35
ADCAGnd
36
ADCAVdd
37
RREF
38
AGC
43
DISECQ1/H/V
47
DISECQ0/22kHz
48
RESETB
49
STATUS
52
SCL
53
SDA
54
IRQB
57
MCLK
58
MDO0
59
MDO1
61
MDO2
63
MDO3
64
MDO4
65
MDO5
66
MDO6
68
MDO7
69
MDOENB
71
MOVAL
72
BKERRB
75
MOSTRT
76
IC1
VP310
XL1
10MHz
C1
33pF
C2
33pF
C3
100nF
C4
100nF
C5
100nF
C6
100nF
C7
100nF
C8
100nF
C9
100nF
C10
100nF
C11
100nF
C12
100nF
Vdd
C13
33n
IFLT
QFLT
AGC
C14
100n
+
C34
22u
Vdd
L1
1u
C15
100n
L2
1u
L3
1u
C16
100n
C17
100n
C18
100n
C19
470n
C20
470n
C21
100n
C22
100n
C23
100n
C24
100n
C25
100n
R1
1k2
R2
100
R3
390
+5V
C26
1n
R4
1k5
R5
10k
R6
10k
SCL2
SDA2
GPP2
R7
1k0
R8
1k0
R9
4k7
C27
100n
C28
1n
+5V
DISECQ1
DISECQ0
+5V
R10
4k7
R11
4k7
R12
4k7
R13 100
R14 100
C29
100p
C30
100p
C31
100n
C32
1n
SCL1
SDA1
RESETB
STATUS
IRQB
R15
4k7
MPEG
C33
100n
L4
1u
Vdd
Figure 20. Application Schematic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com