Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP310 Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # VP310
Description  Satellite Channel Decoder
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP310 Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button VP310 Datasheet HTML 9Page - Mitel Networks Corporation VP310 Datasheet HTML 10Page - Mitel Networks Corporation VP310 Datasheet HTML 11Page - Mitel Networks Corporation VP310 Datasheet HTML 12Page - Mitel Networks Corporation VP310 Datasheet HTML 13Page - Mitel Networks Corporation VP310 Datasheet HTML 14Page - Mitel Networks Corporation VP310 Datasheet HTML 15Page - Mitel Networks Corporation VP310 Datasheet HTML 16Page - Mitel Networks Corporation VP310 Datasheet HTML 17Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
VP310
PRELIMINARY DATA
13
1.5.2 Symbol Rate and Code Rate Search mode
Where the Symbol rate and/or the Viterbi code rate are unknown, the VP310 can be programmed
to search for QPSK/BPSK signals. The user should define the range(s) over which the search is
required. The VP310 will then locate and track any signal detected. Failure to find a QPSK signal
specified frequency and specified symbol rate ranges will be indicated by interrupts. VP310 will
carry on searching these ranges after issuing these interrupts. When the VP310 has locked onto
a signal, the Symbol rate in MBaud may be read from the MONITOR registers. The Viterbi code
rate may be read from the FEC_STATUS register. This search facility is primarily for the initial
installation of a set top box.
1.6 Applications Information
1.6.1 IF conversion
The VP310 has been designed for maximum flexibility in the satellite application and many
options are available. The diagram shown below employs a single conversion system with an IF
of 480MHz. The SAW filter is selected for the maximum data rate expected and a SAW resonator
is used with the I/Q down converter to mix the input down to baseband I and Q channels for the
VP310 to digitise. The fixed sampling frequency of the VP310 is selected to be either 90MHz or
60 MHz depending on the maximum Symbol rate the application must work with. The sample
rate must be greater than or equal to twice the Symbol rate. For a table showing SAW bandwidth
versus Symbol rate.
Tuner
SL2017
I/Q Down-
converter
SL1720
Channel
Decoder
VP310
Synthesiser
SP5769
SAW
Resonator
SAW
filter
I²C bus control
AGC control
Transport
stream O/P
I²C control
I I/P
Q I/P
RF I/P
AGC control
Tank
AGC
AMP
I/P
filter
Figure 11. Single Conversion System Diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com