Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DS12 Datasheet(PDF) 56 Page - STMicroelectronics

Part # LIS2DS12
Description  ultra-low-power high-performance 3-axis "pico" accelerometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DS12 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button LIS2DS12 Datasheet HTML 52Page - STMicroelectronics LIS2DS12 Datasheet HTML 53Page - STMicroelectronics LIS2DS12 Datasheet HTML 54Page - STMicroelectronics LIS2DS12 Datasheet HTML 55Page - STMicroelectronics LIS2DS12 Datasheet HTML 56Page - STMicroelectronics LIS2DS12 Datasheet HTML 57Page - STMicroelectronics LIS2DS12 Datasheet HTML 58Page - STMicroelectronics LIS2DS12 Datasheet HTML 59Page - STMicroelectronics LIS2DS12 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 68 page
background image
Register description
LIS2DS12
56/68
DocID027753 Rev 4
8.34
6D_SRC (39h)
6D source register (r)
Table 87. 6D_SRC register
8.35
STEP_COUNTER_MINTHS (3Ah)
Step counter configuration register (r/w).
Table 89. STEP_COUNTER_MINTHS configuration register
Table 90. STEP_COUNTER_MINTHS configuration register description
0
6D_IA
ZH
ZL
YH
YL
XH
XL
Table 88. 6D_SRC register description
6D_IA
Source of change in position portrait/landscape/face-up/face-down.
(0: no event detected; 1: a change in position is detected)
ZH
ZH over threshold
(0: ZH does not exceed the threshold; 1: ZH is over the threshold)
ZL
ZL over threshold
(0: ZL does not exceed the threshold; 1: ZL is over the threshold)
YH
YH over threshold
(0: YH does not exceed the threshold; 1: YH is over the threshold)
YL
YL over threshold
(0: YL does not exceed the threshold; 1: YL is over the threshold)
XH
XH over threshold:
(0: XH does not exceed the threshold; 1: XH is over the threshold)
XL
XL over threshold
(0: XL does not exceed the threshold; 1: XL is over the threshold)
RST_
nSTEP
PEDO4g
SC_
MTHS5
SC_
MTHS4
SC_
MTHS3
SC_
MTHS2
SC_
MTHS1
SC_
MTHS0
RST_nSTEP
Step number synchronous reset bit: when '1'-logic forces pedometer to reset the
number of steps in STEP_COUNTER_L (3Bh) and STEP_COUNTER_H (3Ch)
registers. Default value: 0.
PEDO4g
4 g operation mode for pedometer routines enable. Default: 0
(0: 4 g operation mode for pedometer routines disabled; 1 = 4 g operation mode
for pedometer routines enabled)
SC_MTHS [5:0]
Minimum threshold value for step counter routine. Default: 01 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com