Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DS12 Datasheet(PDF) 39 Page - STMicroelectronics

Part # LIS2DS12
Description  ultra-low-power high-performance 3-axis "pico" accelerometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DS12 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button LIS2DS12 Datasheet HTML 35Page - STMicroelectronics LIS2DS12 Datasheet HTML 36Page - STMicroelectronics LIS2DS12 Datasheet HTML 37Page - STMicroelectronics LIS2DS12 Datasheet HTML 38Page - STMicroelectronics LIS2DS12 Datasheet HTML 39Page - STMicroelectronics LIS2DS12 Datasheet HTML 40Page - STMicroelectronics LIS2DS12 Datasheet HTML 41Page - STMicroelectronics LIS2DS12 Datasheet HTML 42Page - STMicroelectronics LIS2DS12 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
DocID027753 Rev 4
39/68
LIS2DS12
Register mapping
68
7
Register mapping
The table given below provides a list of the 8-bit registers embedded in the device and the
corresponding addresses.
Table 22. Register map
Name
Type(1)
Register address
Default
Comment
Hex
Binary
RESERVED
-
00-05
-
RESERVED
SENSORHUB1_REG
R
06
0000 0110
output
Sensor hub
output registers
SENSORHUB2_REG
R
07
0000 0111
output
SENSORHUB3_REG
R
08
0000 1000
output
SENSORHUB4_REG
R
09
0000 1001
output
SENSORHUB5_REG
R
0A
0000 1010
output
SENSORHUB6_REG
R
0B
0000 1011
output
Module_8bit
R
0C
00001100
output
RESERVED
-
0D-0E
-
RESERVED
WHO_AM_I
R
0F
00001111
01000011
Who I am ID
RESERVED
-
10-1F
-
RESERVED
CTRL1
R/W
20
00100000
00000000
Control registers
CTRL2
R/W
21
00100001
00000100
CTRL3
R/W
22
00100010
00000000
CTRL4
R/W
23
00100011
00000000
CTRL5
R/W
24
00100100
00000000
FIFO_CTRL
R/W
25
00100101
00000000
FIFO control reg
OUT_T
R
26
00100110
output
Temp sensor output
STATUS
R
27
00100111
output
Status data register
OUT_X_L
R
28
00101000
output
Output registers
OUT_X_H
R
29
00101001
OUT_Y_L
R
2A
00101010
OUT_Y_H
R
2B
00101011
OUT_Z_L
R
2C
00101100
OUT_Z_H
R
2D
00101101
FIFO_THS
R/W
2E
00101110
00000000
FIFO registers
FIFO_SRC
R
2F
00101111
output
FIFO SRC
FIFO_SAMPLES
R/W
30
00110000
00000000
Unread samples
stored in FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com