Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DS12 Datasheet(PDF) 41 Page - STMicroelectronics

Part # LIS2DS12
Description  ultra-low-power high-performance 3-axis "pico" accelerometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DS12 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button LIS2DS12 Datasheet HTML 37Page - STMicroelectronics LIS2DS12 Datasheet HTML 38Page - STMicroelectronics LIS2DS12 Datasheet HTML 39Page - STMicroelectronics LIS2DS12 Datasheet HTML 40Page - STMicroelectronics LIS2DS12 Datasheet HTML 41Page - STMicroelectronics LIS2DS12 Datasheet HTML 42Page - STMicroelectronics LIS2DS12 Datasheet HTML 43Page - STMicroelectronics LIS2DS12 Datasheet HTML 44Page - STMicroelectronics LIS2DS12 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
DocID027753 Rev 4
41/68
LIS2DS12
Register description
68
8
Register description
8.1
SENSORHUB1_REG (06h)
First byte associated to external sensor.
Table 24. SENSORHUB1_REG description
8.2
SENSORHUB2_REG (07h)
Second byte associated to external sensor.
Table 26. SENSORHUB2_REG register description
8.3
SENSORHUB3_REG (08h)
Third byte associated to external sensor.
Table 28. SENSORHUB3_REG register description
8.4
SENSORHUB4_REG (09h)
Fourth byte associated to external sensor.
Table 30. SENSORHUB4_REG register description
Table 23. SENSORHUB1_REG register
SHub1_7
SHub1_6
SHub1_5
SHub1_4
SHub1_3
SHub1_2
SHub1_1
SHub1_0
SHub1_[7:0] First byte associated to external sensor
Table 25. SENSORHUB2_REG register
SHub2_7
SHub2_6
SHub2_5
SHub2_4
SHub2_3
SHub2_2
SHub2_1
SHub2_0
SHub2_[7:0] Second byte associated to external sensor
Table 27. SENSORHUB3_REG register
SHub3_7
SHub3_6
SHub3_5
SHub3_4
SHub3_3
SHub3_2
SHub3_1
SHub3_0
SHub3_[7:0] Third byte associated to external sensor
Table 29. SENSORHUB4_REG register
SHub4_7
SHub4_6
SHub4_5
SHub4_4
SHub4_3
SHub4_2
SHub4_1
SHub4_0
SHub4_[7:0] Fourth byte associated to external sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com