Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DS12 Datasheet(PDF) 23 Page - STMicroelectronics

Part # LIS2DS12
Description  ultra-low-power high-performance 3-axis "pico" accelerometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DS12 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button LIS2DS12 Datasheet HTML 19Page - STMicroelectronics LIS2DS12 Datasheet HTML 20Page - STMicroelectronics LIS2DS12 Datasheet HTML 21Page - STMicroelectronics LIS2DS12 Datasheet HTML 22Page - STMicroelectronics LIS2DS12 Datasheet HTML 23Page - STMicroelectronics LIS2DS12 Datasheet HTML 24Page - STMicroelectronics LIS2DS12 Datasheet HTML 25Page - STMicroelectronics LIS2DS12 Datasheet HTML 26Page - STMicroelectronics LIS2DS12 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
DocID027753 Rev 4
23/68
LIS2DS12
Digital main blocks
68
Table 11. Low-pass filter in low-power, high-resolution and high-frequency modes
ODR [Hz]
LPF cutoff [Hz]
Low-power mode
800
3200
400
200
100
50
25
12.5
1
High-resolution mode
800
355
400
177
200
88
100
44
50
22
25
11
12.5
5.5
High-frequency mode
6400
2840
3200
1420
1600
710
Table 12. Current consumption of operating modes
ODR (Hz)
Typical current consumption in
high-resolution/high-frequency mode
[μA]
Typical current consumption in
low-power mode
[μA]
1
-
2.5
12.5
150
4
25
5.5
50
8
100
12.5
200
22
400
41
800
80
1600
-
3200
-
6400
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com