Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DS12 Datasheet(PDF) 12 Page - STMicroelectronics

Part # LIS2DS12
Description  ultra-low-power high-performance 3-axis "pico" accelerometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DS12 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LIS2DS12 Datasheet HTML 8Page - STMicroelectronics LIS2DS12 Datasheet HTML 9Page - STMicroelectronics LIS2DS12 Datasheet HTML 10Page - STMicroelectronics LIS2DS12 Datasheet HTML 11Page - STMicroelectronics LIS2DS12 Datasheet HTML 12Page - STMicroelectronics LIS2DS12 Datasheet HTML 13Page - STMicroelectronics LIS2DS12 Datasheet HTML 14Page - STMicroelectronics LIS2DS12 Datasheet HTML 15Page - STMicroelectronics LIS2DS12 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
Mechanical and electrical specifications
LIS2DS12
12/68
DocID027753 Rev 4
2
Mechanical and electrical specifications
2.1
Mechanical characteristics
Table 3. Mechanical characteristics @ Vdd = 1.8 V, T = 25 °C unless otherwise noted (1)
Symbol
Parameter
Test conditions
Min.
Typ.(2)
Max.
Unit
FS
Measurement range
±2
g
±4
±8
±16
So
Sensitivity 16-bit(3)
@ FS ±2 g
0.061
mg/digit
@ FS ±4 g
0.122
@ FS ±8 g
0.244
@ FS ±16 g
0.488
An
Noise density - high-performance mode
(HR or HF mode)(4)
@ FS ±2 g
120
μg/√Hz
@ FS ±4 g
150
@ FS ±8 g
200
@ FS ±16 g
300
RMS
RMS noise - low-power mode(5)
@ FS ±2 g
6.3
mg(RMS)
@ FS ±4 g
8.2
@ FS ±8 g
11
@ FS ±16 g
17
Off, board Zero-g offset on soldered board(6)
±30
mg
TCO
Zero-g offset change vs. temperature
±0.2
mg/°C
TCS
Sensitivity change vs. temperature
0.01
%/°C
ST
Self-test positive difference(7)
70
1500
mg
1. The product is factory calibrated at 1.8 V. The operational power supply range is from 1.62 V to 1.98 V.
2. Typical specifications are not guaranteed.
3. Sensitivity calculated at 16-bit.
4. Noise density is the same for all ODR.
5. RMS noise is the same for all ODR.
6. Offset can be eliminated by enabling the slope filter.
7. “Self-test positive difference” is defined as: OUTPUT[mg](CTRL3 ST2, ST1 bits=01) - OUTPUT[mg](CTRL3 ST2, ST1 bits=00) in steady
state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com