Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DS12 Datasheet(PDF) 31 Page - STMicroelectronics

Part # LIS2DS12
Description  ultra-low-power high-performance 3-axis "pico" accelerometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DS12 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button LIS2DS12 Datasheet HTML 27Page - STMicroelectronics LIS2DS12 Datasheet HTML 28Page - STMicroelectronics LIS2DS12 Datasheet HTML 29Page - STMicroelectronics LIS2DS12 Datasheet HTML 30Page - STMicroelectronics LIS2DS12 Datasheet HTML 31Page - STMicroelectronics LIS2DS12 Datasheet HTML 32Page - STMicroelectronics LIS2DS12 Datasheet HTML 33Page - STMicroelectronics LIS2DS12 Datasheet HTML 34Page - STMicroelectronics LIS2DS12 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 68 page
background image
DocID027753 Rev 4
31/68
LIS2DS12
Digital main blocks
68
The algorithm and its variables can be reset just by writing the STEP_CNT_ON bit to ‘0’-
logic, i.e. turning off the SD/SC routine. The RST PEDO bit in the FUNC_CK_GATE (3Dh)
register signals that a SD/SC reset has to be done, so it goes high and remains at ‘1’-logic
value until the algorithm ends the reset procedure, which is carried out at the first execution
after the SD/SC routine has been re-enabled, before the algorithm starts.
5.5.2
Significant motion
The significant motion functionality can be used in location-based applications in order to
receive a notification indicating when the user is changing location. This function has been
implemented in hardware and works at 25 Hz, so the accelerometer ODR must be set at 25
Hz or higher values.
The significant motion interrupt signal can be driven to the interrupt pin by setting to 1 the
INT2_SIG_MOT bit of the CTRL5 (24h) register; it can also be checked by reading the
SIG_MOT_DET bit of the FUNC_CK_GATE (3Dh) register.
The significant motion function generates an interrupt when the difference between the
number of steps from its initialization is higher or equal than a threshold. The threshold
value corresponds to the number of steps to be performed by the user upon a change of
location before the significant motion interrupt is generated.
The threshold has a default value equal to 6. This threshold is configurable in the SM_THS
(34h) register in the advanced configuration registers (refer to Section 9: Advanced
configuration register mapping and Section 10: Advanced configuration registers
description). The significant motion threshold can be used if the FUNC_CFG_EN bit in
CTRL2 (21h) is set to "1".
5.5.3
Sensor hub
The embedded sensor hub allows acquiring data (up to 6 acquisition) from one external
sensor and collecting them in dedicated registers using the I2C master interface. These data
can be read by the external application processor accessing the registers through the
SPI/I2C interfaces.
The frequency of the serial clock is 40 kHz. Lines used for communication are: INT2_PAD
as auxiliary SCL bus and SDO_PAD as auxiliary SDA bus.
Sensor hub configurations can be used if the FUNC_CFG_EN bit in CTRL2 (21h) is set to
'1'.
Details of sensor hub configuration registers are available in Section 9: Advanced
configuration register mapping and Section 10: Advanced configuration registers
description.
To disable the sensor hub configurations, the FUNC_CFG_EN bit in CTRL2 (3Fh) must be
set to '0'. Refer to Section 10.8: CTRL2 (3Fh).
Once the sensor hub configuration is completed, to enable the master I2C functionality, the
MASTER_ON bit in FUNC_CTRL (3Fh) must be set to '1'.
The I2C master can read up to 6 bytes (registers SensorHub_out_1/6 from 06h to 0Bh).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com