Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DS12 Datasheet(PDF) 45 Page - STMicroelectronics

Part # LIS2DS12
Description  ultra-low-power high-performance 3-axis "pico" accelerometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DS12 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button LIS2DS12 Datasheet HTML 41Page - STMicroelectronics LIS2DS12 Datasheet HTML 42Page - STMicroelectronics LIS2DS12 Datasheet HTML 43Page - STMicroelectronics LIS2DS12 Datasheet HTML 44Page - STMicroelectronics LIS2DS12 Datasheet HTML 45Page - STMicroelectronics LIS2DS12 Datasheet HTML 46Page - STMicroelectronics LIS2DS12 Datasheet HTML 47Page - STMicroelectronics LIS2DS12 Datasheet HTML 48Page - STMicroelectronics LIS2DS12 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
DocID027753 Rev 4
45/68
LIS2DS12
Register description
68
8.11
CTRL3 (22h)
Control register 3 (r/w)
Table 44. Control register 3
Table 45. Control register 3 description
8.12
CTRL4 (23h)
Control register 4 (r/w): interrupt 1 configuration
Table 47. Control register 4
ST2
ST1
TAP_X_EN TAP_Y_EN TAP_Z_EN
LIR
H_LACTIVE
PP_OD
ST [2:1]
Self-test enable. Default value: 00
(00: Self-test disabled; Other: see Table 46)
TAP_X_EN
Tap recognition on X direction enable. Default value: 0
(0: disabled; 1: enabled)
TAP_Y_EN
Tap recognition on Y direction enable. Default value: 0
(0: disabled; 1: enabled)
TAP_Z_EN
Tap recognition on Z direction enable. Default value: 0
(0: disabled; 1: enabled)
LIR
Latched Interrupt. Switches between latched ('1'-logic) and pulsed ('0'-logic) mode for
function source signals and interrupts routed to pins (wakeup, tap, double-tap, tilt,
pedometer, significant motion). Default value: 0
(0: interrupt request not latched; 1: interrupt request latched)
H_LACTIVE
Interrupt active high, low. Default value: 0
(0: active high; 1: active low)
PP_OD
Push-pull/open-drain selection on interrupt pad. Default value: 0
(0: push-pull; 1: open-drain)
Table 46. Self-test mode selection
ST2
ST1
Self-test mode
0
0
Normal mode
0
1
Positive sign self-test
1
0
Negative sign self-test
1
1
Not allowed
INT1_MASTER
_DRDY
INT1_
S_TAP
INT1_WU INT1_FF INT1_TAP INT1_6D INT1_FTH INT1_DRDY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com