Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DS12 Datasheet(PDF) 43 Page - STMicroelectronics

Part # LIS2DS12
Description  ultra-low-power high-performance 3-axis "pico" accelerometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DS12 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button LIS2DS12 Datasheet HTML 39Page - STMicroelectronics LIS2DS12 Datasheet HTML 40Page - STMicroelectronics LIS2DS12 Datasheet HTML 41Page - STMicroelectronics LIS2DS12 Datasheet HTML 42Page - STMicroelectronics LIS2DS12 Datasheet HTML 43Page - STMicroelectronics LIS2DS12 Datasheet HTML 44Page - STMicroelectronics LIS2DS12 Datasheet HTML 45Page - STMicroelectronics LIS2DS12 Datasheet HTML 46Page - STMicroelectronics LIS2DS12 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 68 page
background image
DocID027753 Rev 4
43/68
LIS2DS12
Register description
68
Table 39. Control register 1 description
ODR [3:0] is used to set the power mode and ODR selection. The following table lists the bit
settings for power-down mode and each available frequency.
Table 41. ODR register setting: high resolution (HR) and high frequencies (HF)
The BDU bit is used to inhibit the update of the output registers until both upper and lower
register parts are read. In default mode (BDU = ‘0’) the output register values are updated
continuously. When the BDU is activated (BDU = ‘1’), the content of the output registers is
not updated until both MSB and LSB are read which avoids reading values related to
different sample times.
ODR [3:0]
Output data rate & power mode selection. Default value: 0000 (see Table 40)
FS [1:0]
Full-scale selection. Default value: 00 (00: ±2 g; 01: ±16 g; 10: ±4 g; 11: ±8 g)
HF_ODR
High-frequency ODR mode enable. Default value: 0
BDU
Block data update. Default value: 0
(0: continuous update; 1: output registers not updated until MSB and LSB read)
Table 40. ODR register setting: power down (PD) and low power (LP)
ODR[3:0]
HF_ODR
ODR selection [Hz]
Bit resolution
Mode
0000
-
-
-
PD
1000
-
1
10
LP
1001
-
12.5
10
LP
1010
-
25
10
LP
1011
-
50
10
LP
1100
-
100
10
LP
1101
-
200
10
LP
1110
-
400
10
LP
1111
-
800
10
LP
ODR[3:0]
HF_ODR
ODR selection [Hz]
Bit resolution
Mode
0001
-
12.5
14
HR
0010
-
25
14
HR
0011
-
50
14
HR
0100
-
100
14
HR
0101
0
200
14
HR
0110
0
400
14
HR
0111
0
800
14
HR
0101
1
1600
12
HF
0110
1
3200
12
HF
0111
1
6400
12
HF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com