Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DS12 Datasheet(PDF) 29 Page - STMicroelectronics

Part # LIS2DS12
Description  ultra-low-power high-performance 3-axis "pico" accelerometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DS12 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button LIS2DS12 Datasheet HTML 25Page - STMicroelectronics LIS2DS12 Datasheet HTML 26Page - STMicroelectronics LIS2DS12 Datasheet HTML 27Page - STMicroelectronics LIS2DS12 Datasheet HTML 28Page - STMicroelectronics LIS2DS12 Datasheet HTML 29Page - STMicroelectronics LIS2DS12 Datasheet HTML 30Page - STMicroelectronics LIS2DS12 Datasheet HTML 31Page - STMicroelectronics LIS2DS12 Datasheet HTML 32Page - STMicroelectronics LIS2DS12 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
DocID027753 Rev 4
29/68
LIS2DS12
Digital main blocks
68
5.4.6
Module-to-FIFO
When the MODULE_TO_FIFO bit in the FIFO_CTRL (25h) register is set to '1', the 14-bit
magnitude of the vector of the current axes is sent as FIFO input instead of axes data. X-, Y-
and Z-axis data are replaced with 3 times the adjacent data generated by the module
routine, as shown in Figure 11, so a row of FIFO is written every 3 axes data ready.
The module routine must be previously enabled by writing to the FUNC_CTRL (3Fh)
register.
The LIS2DS12 calculates the vector sum of the acceleration of the X-, Y-, Z-axis using the
following formula:
module (14-bit) = Sqrt(x2+y2+z2)
The implementation is based on an approximation of this formula (error below noise level).
If this calculation is used in the application, the FIFO must be increased by 3 since only this
one value is stored in FIFO instead.
Please note that a 14-bit value is stored in FIFO when an 8-bit value is available in each
sample in register Module_8bit (0Ch) (MSBs of original 14-bit value).
Figure 11. Module-to-FIFO mode example
5.5
Embedded functions
The LIS2DS12 embeds internal logic able to implement the following functions:
 Step detector
 Step counter
 Significant motion
 Sensor hub
 Tilt
Pedometer, significant motion, sensor hub, and tilt functions can work in parallel according
to Table 14. Step detector, step counter, tilt function, and significant motion function work at
25 Hz, so the user can configure ODR at 25 Hz or higher.
Table 14. ODR function settings
Sensor hub
Pedometer
Tilt function
Event recognition
ODR
 1600 Hz
Y
Y
Y
X
ODR < 1600 Hz
Y
Y
Y
Y
ODR 25-50 Hz
Y
Y
Y
Y
ODR 12.5 Hz
Y
X
X
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com