Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DS12 Datasheet(PDF) 58 Page - STMicroelectronics

Part # LIS2DS12
Description  ultra-low-power high-performance 3-axis "pico" accelerometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DS12 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button LIS2DS12 Datasheet HTML 54Page - STMicroelectronics LIS2DS12 Datasheet HTML 55Page - STMicroelectronics LIS2DS12 Datasheet HTML 56Page - STMicroelectronics LIS2DS12 Datasheet HTML 57Page - STMicroelectronics LIS2DS12 Datasheet HTML 58Page - STMicroelectronics LIS2DS12 Datasheet HTML 59Page - STMicroelectronics LIS2DS12 Datasheet HTML 60Page - STMicroelectronics LIS2DS12 Datasheet HTML 61Page - STMicroelectronics LIS2DS12 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 68 page
background image
Register description
LIS2DS12
58/68
DocID027753 Rev 4
Table 96. FUNC_CK_GATE register description
8.39
FUNC_SRC (3Eh)
Functional source register (r)
Table 97. FUNC_SRC register
Table 98. FUNC_SRC register description
TILT_INT
Tilt event detection status.
(0: tilt event not detected; 1: tilt event detected)
FS_
SRC [1:0]
Full-scale SRC bit.
(00: Same as CTRL1 (20h) - no scaling;
01: 2 g;
10 4 g;
11: same as CTRL1 (20h) - no scaling)
SIGN_MOT_
DETECT
Significant motion event detection status.
(0: significant motion event not detected; 1: significant motion event detected)
RST_SIGN
MOT
Pedometer significant motion initialization reset.
(0: disabled; 1: pedometer significant motion initialization has to be executed at
the next routine execution or is actually ongoing)
RST_SIGN_
MOT
Pedometer reset.
(0: disabled; 1: indicates that pedometer step counter initialization has to be
executed at the next routine execution or is actually ongoing)
STEP_DETECT
Step detection status.
(0: Step not detected; 1: Step detected)
CK_GATE_
FUNC
Function clocking gate signal.
(0: Power down; 1: FUNC is in power mode)
0
0
0
0
0
RST_TILT
MODULE_
READY
SENSORHUB
_END_OP
RST_TILT
Tilt reset.
(0: disabled; 1: indicates that tilt initialization has to be executed at the next
routine execution or is actually ongoing)
MODULE_READY
Module status.
(0: new module data not available, 1: new module data available)
SENSORHUB
_END_OP
Sensor hub communication status. Default value: 0
(0: sensor hub communication not concluded;
1: sensor hub communication concluded)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com