Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DS12 Datasheet(PDF) 40 Page - STMicroelectronics

Part # LIS2DS12
Description  ultra-low-power high-performance 3-axis "pico" accelerometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DS12 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button LIS2DS12 Datasheet HTML 36Page - STMicroelectronics LIS2DS12 Datasheet HTML 37Page - STMicroelectronics LIS2DS12 Datasheet HTML 38Page - STMicroelectronics LIS2DS12 Datasheet HTML 39Page - STMicroelectronics LIS2DS12 Datasheet HTML 40Page - STMicroelectronics LIS2DS12 Datasheet HTML 41Page - STMicroelectronics LIS2DS12 Datasheet HTML 42Page - STMicroelectronics LIS2DS12 Datasheet HTML 43Page - STMicroelectronics LIS2DS12 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
Register mapping
LIS2DS12
40/68
DocID027753 Rev 4
Registers marked as Reserved must not be changed. Writing to those registers may cause
permanent damage to the device.
The content of the registers that are loaded at boot should not be changed. They contain the
factory calibration values. Their content is automatically restored when the device is
powered up.
TAP_6D_THS
R/W
31
00110001
00000000
TAP, 4D, 6D threshold
INT_DUR
R/W
32
00110010
00000000
Interrupt duration
WAKE_UP_THS
R/W
33
00110011
00000000
TAP/D-TAP selection,
Inactivity EN,
Wakeup threshold
WAKE_UP_DUR
R/W
34
00110100
00000000
Wakeup duration
FREE_FALL
R/W
35
00110101
00000000
Free-fall config.
STATUS_DUP
R
36
00110110
output
Status register
WAKE_UP_SRC
R
37
00110111
output
Wakeup SRC
TAP_SRC
R
38
00111000
output
TAP SRC
6D_SRC
R
39
00111001
output
6D SRC
STEP_COUNTER_
MINTHS
R/W
3A
00111010
00010000
STEP C config
STEP_COUNTER_L
R
3B
00111011
output
Steps detected LSB
STEP_COUNTER_H
R
3C
00111100
output
Steps detected MSB
FUNC_CK_GATE
R
3D
00111110
output
ST FUNCTION setting
FUNC_SRC
R
3E
00000100
output
FUNCTION SRC
FUNC_CTRL
R/W
3F
00000100
00000000
FUNCTION CTRL
1. R = read-only register, R/W = readable/writable register
Table 22. Register map (continued)
Name
Type(1)
Register address
Default
Comment
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com