Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DS12 Datasheet(PDF) 62 Page - STMicroelectronics

Part # LIS2DS12
Description  ultra-low-power high-performance 3-axis "pico" accelerometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DS12 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button LIS2DS12 Datasheet HTML 58Page - STMicroelectronics LIS2DS12 Datasheet HTML 59Page - STMicroelectronics LIS2DS12 Datasheet HTML 60Page - STMicroelectronics LIS2DS12 Datasheet HTML 61Page - STMicroelectronics LIS2DS12 Datasheet HTML 62Page - STMicroelectronics LIS2DS12 Datasheet HTML 63Page - STMicroelectronics LIS2DS12 Datasheet HTML 64Page - STMicroelectronics LIS2DS12 Datasheet HTML 65Page - STMicroelectronics LIS2DS12 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 68 page
background image
Advanced configuration registers description
LIS2DS12
62/68
DocID027753 Rev 4
10.4
SLV0_CONFIG (32h)
First external sensor (Sensor1) configuration and sensor hub settings register (r/w).
Table 108. SLV0_CONFIG register
Table 109. SLV0_CONFIG register description
10.5
DATAWRITE_SLV0 (33h)
Data to be written into the slave device register (r/w).
Table 110. DATAWRITE_SLV0 register
Table 111. DATAWRITE_SLV0 register description
10.6
SM_THS (34h)
Defines the threshold value (r/w).
Table 112. SM_THS configuration register
Table 113. SM_THS configuration register description
Slave0_
numop2
Slave0_
numop1
Slave0_
numop0
Slave0_numop[2:0]
Number of read operations on Sensor1.
Slave_
dataw7
Slave_
dataw6
Slave_
dataw5
Slave_
dataw4
Slave_
dataw3
Slave_
dataw2
Slave_
dataw1
Slave_
dataw0
Slave_ dataw[7:0]
Data to be written into the slave device according to the rw_0 bit in
SLV0_ADD (30h) register or address to be read in source mode.
Default value: 00000000
SM_THS
_7
SM_THS
_6
SM_THS
_5
SM_THS
_4
SM_THS
_3
SM_THS
_2
SM_THS
_1
SM_THS
_0
SM_THS_[7:0]
These bits define the threshold value which corresponds to the number of
steps to be performed by the user upon a change of location before the sig-
nificant motion interrupt is generated.
It is expressed as an 8-bit unsigned value. The default value of this field is
equal to 6 (= 00000110b).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com