Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DS12 Datasheet(PDF) 24 Page - STMicroelectronics

Part # LIS2DS12
Description  ultra-low-power high-performance 3-axis "pico" accelerometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DS12 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button LIS2DS12 Datasheet HTML 20Page - STMicroelectronics LIS2DS12 Datasheet HTML 21Page - STMicroelectronics LIS2DS12 Datasheet HTML 22Page - STMicroelectronics LIS2DS12 Datasheet HTML 23Page - STMicroelectronics LIS2DS12 Datasheet HTML 24Page - STMicroelectronics LIS2DS12 Datasheet HTML 25Page - STMicroelectronics LIS2DS12 Datasheet HTML 26Page - STMicroelectronics LIS2DS12 Datasheet HTML 27Page - STMicroelectronics LIS2DS12 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
Digital main blocks
LIS2DS12
24/68
DocID027753 Rev 4
5.2
Activity/Inactivity function
The Activity/Inactivity recognition function allows reducing the power consumption of the
system in order to develop new smart applications.
When the Activity/Inactivity recognition function is activated, the LIS2DS12 is able to
automatically go to 12.5 Hz sampling rate and to wake up as soon as the interrupt event has
been detected, increasing the output data rate and bandwidth.
With this feature the system may be efficiently switched from low-power mode to full
performance depending on user-selectable positioning and acceleration events, thus
ensuring power saving and flexibility.
The Activity/Inactivity recognition function is activated by writing the desired threshold in the
WAKE_UP_THS (33h) register. The high-pass filter is automatically enabled.
If the device is in Sleep (Inactivity) mode, when at least one of the axes exceeds the
threshold in the WAKE_UP_THS (33h) the device goes into Sleep-to-Wake (as Wake-Up).
Activity/Inactivity threshold and duration can be configured in the control registers:
WAKE_UP_THS (33h)
WAKE_UP_DUR (34h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com