Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DS12 Datasheet(PDF) 47 Page - STMicroelectronics

Part # LIS2DS12
Description  ultra-low-power high-performance 3-axis "pico" accelerometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DS12 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button LIS2DS12 Datasheet HTML 43Page - STMicroelectronics LIS2DS12 Datasheet HTML 44Page - STMicroelectronics LIS2DS12 Datasheet HTML 45Page - STMicroelectronics LIS2DS12 Datasheet HTML 46Page - STMicroelectronics LIS2DS12 Datasheet HTML 47Page - STMicroelectronics LIS2DS12 Datasheet HTML 48Page - STMicroelectronics LIS2DS12 Datasheet HTML 49Page - STMicroelectronics LIS2DS12 Datasheet HTML 50Page - STMicroelectronics LIS2DS12 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 68 page
background image
DocID027753 Rev 4
47/68
LIS2DS12
Register description
68
8.14
FIFO_CTRL (25h)
FIFO control register 5 (r/w).
Table 51. FIFO control register
When the FIFO has been enabled, data acquired has been stored at the accelerometer
ODR and the trigger signal of FIFO writing is the accelerometer internal data-ready.
FIFO data can be stored in default configuration where inertial data as been stored as X, Y,
Z data or in module configuration:
Default configuration: 256-level inertial data (14-bit stored data for X, Y, Z)
User-selectable: 768 module data (14-bit each module)
FMODE2
FMODE1
FMODE0
INT2_STEP_
COUNT_OV
MODULE_
TO_FIFO
0(1)
1. This bit must be set to '0' for correct device operation.
0(1)
IF_CS_PU_
DIS
Table 52. FIFO control register description
FMODE [2:0]
FIFO mode selection bits. Default: 000. For further details refer to Table 53.
INT2_STEP_
COUNT_OV
Step counter overflow interrupt enable on INT2 pad. Default value: 0
(0: disabled; 1: enabled)
MODULE_TO_
FIFO
When set to '1'-logic, module routine result is send to FIFO instead of X,Y,Z
acceleration data
IF_CS_PU_DIS
When '1'-logic disconnects pull-up in if_cs pad. Default: 0
Table 53. FIFO mode selection
FMODE2 FMODE1
FMODE0
Mode
0
0
0
Bypass mode: FIFO turned off
0
0
1
FIFO mode: Stops collecting data when FIFO is full.
0
1
0
Reserved
0
1
1
Continuous-to-FIFO: Stream mode until trigger is deasserted,
then FIFO mode
1
0
0
Bypass-to-Continuous: Bypass mode until trigger is deasserted,
then FIFO mode
1
0
1
Reserved
1
1
0
Continuous mode: data If the FIFO is full, the new sample over-
writes the older sample.
1
1
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com